Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8306MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF8306MPBF
Description  Integrated Monolithic Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8306MPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF8306MPBF_15 Datasheet HTML 1Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 2Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 3Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 4Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 5Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 6Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 7Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 8Page - International Rectifier IRF8306MPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 7, 2014
IRF8306MPbF
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs.
Drain Current and Gate Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
4.5V
3.5V
3.3V
3.0V
2.8V
2.5V
BOTTOM
2.3V
≤60μs PULSE WIDTH
Tj = 25°C
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
4.5V
3.5V
3.3V
3.0V
2.8V
2.5V
BOTTOM
2.3V
≤60μs PULSE WIDTH
Tj = 150°C
2.3V
1
2
3
4
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 23A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
50
100
150
200
ID, Drain Current (A)
1
2
3
4
5
TJ = 25°C
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 10V


Similar Part No. - IRF8306MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results

Similar Description - IRF8306MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6898MPBF IRF-IRF6898MPBF_15 Datasheet
249Kb / 9P
   Integrated Monolithic Schottky Diode
logo
Motorola, Inc
MC8T28 MOTOROLA-MC8T28 Datasheet
118Kb / 5P
   NONINVERTING BUS TRANSCEIVER MONOLITHIC SCHOTTKY INTEGRATED CIRCUITS
MC6875 MOTOROLA-MC6875 Datasheet
584Kb / 11P
   CLOCK GENERATOR/DRIVER (SCHOTTKY MONOLITHIC INTEGRATED CIRCUIT)
logo
Fairchild Semiconductor
FDZ3N513ZT FAIRCHILD-FDZ3N513ZT Datasheet
349Kb / 7P
   Integrated NMOS and Schottky Diode
logo
Tyco Electronics
MADP-064908-131000 MACOM-MADP-064908-131000 Datasheet
511Kb / 9P
   Surface Mount Monolithic Integrated PIN Diode Chip
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
   Monolithic Pin Diode Switches with Integrated Bias Network
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com