Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7907PBF-1 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7907PBF-1
Description  Industry-standard pinout SO-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7907PBF-1 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7907PBF-1 Datasheet HTML 2Page - International Rectifier IRF7907PBF-1 Datasheet HTML 3Page - International Rectifier IRF7907PBF-1 Datasheet HTML 4Page - International Rectifier IRF7907PBF-1 Datasheet HTML 5Page - International Rectifier IRF7907PBF-1 Datasheet HTML 6Page - International Rectifier IRF7907PBF-1 Datasheet HTML 7Page - International Rectifier IRF7907PBF-1 Datasheet HTML 8Page - International Rectifier IRF7907PBF-1 Datasheet HTML 9Page - International Rectifier IRF7907PBF-1 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRF7907TRPbF-1
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 16, 2014
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 19. Maximum Drain Current vs. Ambient Temp.
Fig 20. Maximum Drain Current vs. Ambient Temp.
Fig 21. Threshold Voltage vs. Temperature
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
-75
-50
-25
0
25
50
75
100 125 150
TJ, Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 250μA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
I D
TOP
3.0A
3.5A
BOTTOM
7.0A
25
50
75
100
125
150
TJ, Ambient Temperature (°C)
0
2
4
6
8
10
12
-75
-50
-25
0
25
50
75
100 125 150
TJ, Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 250μA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
60
I D
TOP
3.8A
4.4A
BOTTOM
8.8A
25
50
75
100
125
150
TJ, Ambient Temperature (°C)
0
2
4
6
8
10


Similar Part No. - IRF7907PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7907PBF IRF-IRF7907PBF Datasheet
294Kb / 10P
   HEXFETR Power MOSFET
IRF7907PBF IRF-IRF7907PBF Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF Datasheet
325Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_15 Datasheet
325Kb / 10P
   Improved Body Diode Reverse Recovery
More results

Similar Description - IRF7907PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com