Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7907PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7907PBF
Description  Improved Body Diode Reverse Recovery
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7907PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7907PBF Datasheet HTML 1Page - International Rectifier IRF7907PBF Datasheet HTML 2Page - International Rectifier IRF7907PBF Datasheet HTML 3Page - International Rectifier IRF7907PBF Datasheet HTML 4Page - International Rectifier IRF7907PBF Datasheet HTML 5Page - International Rectifier IRF7907PBF Datasheet HTML 6Page - International Rectifier IRF7907PBF Datasheet HTML 7Page - International Rectifier IRF7907PBF Datasheet HTML 8Page - International Rectifier IRF7907PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF7907PbF
www.irf.com
5
Fig 17. Typical On-Resistance vs.Gate Voltage
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 13. Normalized On-Resistance vs. Temperature
Fig 14. Normalized On-Resistance vs. Temperature
Fig 15. Typical Source-Drain Diode Forward Voltage
Fig 16. Typical Source-Drain Diode Forward Voltage
Fig 18. Typical On-Resistance vs.Gate Voltage
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VGS = 0V
2
4
6
8
10
VGS, Gate-to-Source Voltage (V)
10
20
30
40
TJ = 25°C
TJ = 125°C
ID = 8.8A
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
0.5
1.0
1.5
ID = 11A
VGS = 10V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VGS = 0V
2
4
6
8
10
VGS, Gate-to-Source Voltage (V)
0
10
20
30
40
TJ = 25°C
TJ = 125°C
ID = 11A
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
0.5
1.0
1.5
ID = 9.1A
VGS = 10V


Similar Part No. - IRF7907PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7907PBF IRF-IRF7907PBF Datasheet
294Kb / 10P
   HEXFETR Power MOSFET
IRF7907PBF IRF-IRF7907PBF Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF-1 IRF-IRF7907PBF-1 Datasheet
281Kb / 11P
   Industry-standard pinout SO-8 Package
IRF7907PBF-1 IRF-IRF7907PBF-1_15 Datasheet
281Kb / 11P
   Industry-standard pinout SO-8 Package
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
More results

Similar Description - IRF7907PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7905PBF IRF-IRF7905PBF_15 Datasheet
328Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7902PBF IRF-IRF7902PBF_15 Datasheet
266Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7904PBF IRF-IRF7904PBF_15 Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
logo
STMicroelectronics
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
   Fast-recovery body diode
March 2016 Rev 2
logo
Pan Jit International I...
PSDH3060CCS1 PANJIT-PSDH3060CCS1 Datasheet
1Mb / 5P
   Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDH3060CCS1-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com