Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLBH6L1806K03 Datasheet(PDF) 3 Page - AVX Corporation

Part # FLBH6L1806K03
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FLBH6L1806K03 Datasheet(HTML) 3 Page - AVX Corporation

  FLBH6L1806K03 Datasheet HTML 1Page - AVX Corporation FLBH6L1806K03 Datasheet HTML 2Page - AVX Corporation FLBH6L1806K03 Datasheet HTML 3Page - AVX Corporation FLBH6L1806K03 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Climatic category
-40/D (IEC 60068)
Test voltage between terminals @ 25°C
2.15 x Vrms
Capacitance range Cn
3*20.3μF to 3*335μF
Capacitance Tolerances:
±5%, ±10%
Rated AC Voltage:
Vrms 230V to 690V
Dielectric:
Polypropylene
Lifetime (
ΔC/C ≤ 5%):
100,000hrs @ Ur & 70ºC
ELECTRICAL CHARACTERISTICS
Medium Power Film Capacitors
FLB (RoHS Compliant)
Cap
Rated
AVX
Case
Diameter ±2
H ±2
Output
I rms
V/µs
I Peak
Packaging
(µF)
Voltage (V)
Part No.
Code
(mm)
(mm)
(kvar)
(A)
(Volt/sec)
(A)
Method
Box
Vrms = 230V Voltage Code: A
Qty
Dimension
(mm)
3 x 200.6
230
FLBB6A0207K03
B
85.0
265.0
10.0
25.1
37.0
7530
8
375*285*365
3 x 200.6
230
FLBD6A0207K03
D
116.0
160.0
10.0
25.1
37.0
7530
5
375*285*235
3 x 250.7
230
FLBC6A0257K03
C
85.0
350.0
12.5
31.4
37.0
9420
8
375*285*435
3 x 250.7
230
FLBE6A0257K03
E
116.0
200.0
12.5
31.4
37.0
9420
5
375*285*365
3 x 300.9
230
FLBC6A0307K03
C
85.0
350.0
15.0
37.7
37.0
11310
8
375*285*435
3 x 300.9
230
FLBE6A0307K03
E
116.0
200.0
15.0
37.7
37.0
11310
5
375*285*365
3 x 335.0
230
FLBF6A3356K03
F
116.0
230.0
16.7
41.9
37.0
12570
5
375*285*365
Vrms = 400V Voltage Code: I
3 x 66.3
400
FLBA6I0666K03
A
85.0
200.0
10.0
14.4
65.0
4320
8
375*285*365
3 x 82.9
400
FLBA6I0826K03
A
85.0
200.0
12.5
18.0
65.0
5400
8
375*285*365
3 x 99.5
400
FLBA6I0996K03
A
85.0
200.0
15.0
21.6
65.0
6480
8
375*285*365
3 x 110.7
400
FLBB6I0117K03
B
85.0
265.0
16.7
24.1
65.0
7230
8
375*285*365
3 x 110.7
400
FLBD6I0117K03
D
116.0
160.0
16.7
24.1
65.0
7230
5
375*285*235
3 x 132.6
400
FLBB6I1326K03
B
85.0
265.0
20.0
28.8
65.0
8640
8
375*285*365
3 x 132.6
400
FLBD6I1326K03
D
116.0
160.0
20.0
28.8
65.0
8640
5
375*285*235
3 x 165.8
400
FLBB6I1656K03
B
85.0
265.0
25.0
36.1
65.0
10830
8
375*285*365
3 x 165.8
400
FLBE6I1656K03
E
116.0
200.0
25.0
36.1
65.0
10830
5
375*285*365
3 x 198.9
400
FLBH6I1986K03
H
136.0
200.0
30.0
43.3
65.0
12990
4
375*285*365
Vrms = 440V Voltage Code: L
3 x 68.5
440
FLBA6L0686K03
A
85.0
200.0
12.5
16.4
72.0
4920
8
375*285*365
3 x 77.0
440
FLBA6L0776K03
A
85.0
200.0
14.1
18.5
72.0
5550
8
375*285*365
3 x 77.0
440
FLBD6L0776K03
D
116.0
160.0
14.1
18.5
72.0
5550
5
375*285*235
3 x 82.2
440
FLBA6L0826K03
A
85.0
200.0
15.0
19.7
72.0
5910
8
375*285*365
3 x 92.6
440
FLBA6L0926K03
A
85.0
200.0
16.9
22.2
72.0
6660
8
375*285*365
3 x 103.0
440
FLBB6L1036K03
B
85.0
265.0
18.8
24.7
72.0
7410
8
375*285*365
3 x 103.0
440
FLBD6L1036K03
D
116.0
160.0
18.8
24.7
72.0
7410
5
375*285*235
3 x 109.0
440
FLBB6L1096K03
B
85.0
265.0
20.0
26.2
72.0
7860
8
375*285*365
3 x 109.0
440
FLBD6L1096K03
D
116.0
160.0
20.0
26.2
72.0
7860
5
375*285*235
3 x 123.3
440
FLBB6L1236K03
B
85.0
265.0
22.5
29.5
72.0
8850
8
375*285*365
3 x 123.3
440
FLBD6L1236K03
D
116.0
160.0
22.5
29.5
72.0
8850
5
375*285*235
3 x 137.0
440
FLBB6L1376K03
B
85.0
265.0
25.0
32.8
72.0
9840
8
375*285*365
3 x 137.0
440
FLBE6L1376K03
E
116.0
200.0
25.0
32.8
72.0
9840
5
375*285*365
3 x 154.0
440
FLBB6L1546K03
B
85.0
265.0
28.1
36.9
72.0
11070
8
375*285*365
3 x 154.0
440
FLBE6L1546K03
E
116.0
200.0
28.1
36.9
72.0
11070
5
375*285*365
3 x 164.4
440
FLBC6L1646K03
C
85.0
350.0
30.0
39.4
72.0
11820
8
375*285*435
3 x 164.4
440
FLBE6L1646K03
E
116.0
200.0
30.0
39.4
72.0
11820
5
375*285*365
3 x 180.9
440
FLBH6L1806K03
H
136.0
200.0
33.0
43.3
72.0
12990
2
375*285*365
RATINGS AND PART NUMBER REFERENCE – POLYPROPYLENE DIELECTRIC
* Insert K for 10% capacitance tolerance (standard); J (+5%) and M (+20%) tolerances available on request.
Values outside this standard range may be available – please contact AVX for any special requirements.
AVX reserves the right to supply capacitors to a tighter capacitance tolerance or higher voltage rating, in the same case size.


Similar Part No. - FLBH6L1806K03

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FLB0275 FARADAY-FLB0275 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0300 FARADAY-FLB0300 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0350 FARADAY-FLB0350 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0400 FARADAY-FLB0400 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0450 FARADAY-FLB0450 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
More results

Similar Description - FLBH6L1806K03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com