Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F931E225MAAAJ6 Datasheet(PDF) 4 Page - AVX Corporation

Part # F931E225MAAAJ6
Description  Resin-Molded Chip - Automotive Product Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F931E225MAAAJ6 Datasheet(HTML) 4 Page - AVX Corporation

  F931E225MAAAJ6 Datasheet HTML 1Page - AVX Corporation F931E225MAAAJ6 Datasheet HTML 2Page - AVX Corporation F931E225MAAAJ6 Datasheet HTML 3Page - AVX Corporation F931E225MAAAJ6 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MARCH 2015
25
F93-AJ6 Series
Resin-Molded Chip - Automotive Product Range
TEST
F93-AJ6 series (Temperature range -55ºC to +125ºC)
Condition
At 40°C, 90 to 95% R.H., 500 hours (No voltage applied)
Damp Heat
Capacitance Change ........... Refer to page 24 (*1)
(Steady State)
Dissipation Factor ................ Initial specified value or less
Leakage Current .................. Initial specified value or less
After 1000 hour’s application of rated voltage in series with a 33Ω resistor at 85°C, 85% R.H.,
capacitors meet the characteristics requirements table below.
Load Humidity
Capacitance Change ........... Refer to page 24 (*1)
Dissipation Factor ................ Initial specified value or less
Leakage Current .................. 125% or less than the initial specified value
At -55°C / +125°C, 30 minutes each, 1000 cycles
Temperature Cycles
Capacitance Change ........... Refer to page 24 (*1)
Dissipation Factor ................ Initial specified value or less
Leakage Current .................. Initial specified value or less
10 seconds reflow at 260°C, 10 seconds immersion at 260°C.
Resistance to
Capacitance Change ........... Refer to page 24 (*1)
Soldering Heat
Dissipation Factor ................ Initial specified value or less
Leakage Current .................. Initial specified value or less
After application of surge voltage in series with a 33Ω resistor at the rate of 30 seconds ON, 30 seconds OFF,
for 1000 successive test cycles at 85ºC, capacitors shall meet the characteristic requirements in the table above.
Surge
Capacitance Change ........... Refer to page 24 (*1)
Dissipation Factor ................ Initial specified value or less
Leakage Current .................. Initial specified value or less
After 2000 hours’ application of rated voltage in series with a 3Ω resistor at 85°C, or derated voltage in series
with a 3Ω resistor at 125°C, capacitors shall meet the characteristic requirements in the table above.
Endurance
Capacitance Change ........... Refer to page 24 (*1)
Dissipation Factor ................ Initial specified value or less
Leakage Current .................. Initial specified value or less
Shear Test
After applying the pressure load of 17.7N for 60 seconds horizontally to the center of capacitor side
body which has no electrode and has been soldered beforehand on a substrate, there shall be found
neither exfoliation nor its sign at the terminal electrode.
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at
both of the opposite bottom points 45mm apart from the center of capacitor, the pressure strength is
applied with a specified jig at the center of the substrate so that substrate may bend by1mm as
illustrated. Then, there shall be found no remarkable abnormality on the capacitor terminals.
Failure Rate
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level.
QUALIFICATION TABLE


Similar Part No. - F931E225MAAAJ6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931E225MAA NICHICON-F931E225MAA Datasheet
136Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E225MAA NICHICON-F931E225MAA Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E225MAA NICHICON-F931E225MAA Datasheet
467Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F931E225MAA AVX-F931E225MAA Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Nichicon corporation
F931E225MAA NICHICON-F931E225MAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F931E225MAAAJ6

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Panasonic Semiconductor
ELJ-FA100JF PANASONIC-ELJ-FA100JF Datasheet
96Kb / 4P
   General use wire wound, resin molded chip inductor.
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Panasonic Semiconductor
ELJ-LA PANASONIC-ELJ-LA Datasheet
361Kb / 1P
   Resin-Molded Wirewound Power Chip Inductors Expanded Inductor Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com