Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7726PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7726PBF
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7726PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7726PBF_15 Datasheet HTML 1Page - International Rectifier IRF7726PBF_15 Datasheet HTML 2Page - International Rectifier IRF7726PBF_15 Datasheet HTML 3Page - International Rectifier IRF7726PBF_15 Datasheet HTML 4Page - International Rectifier IRF7726PBF_15 Datasheet HTML 5Page - International Rectifier IRF7726PBF_15 Datasheet HTML 6Page - International Rectifier IRF7726PBF_15 Datasheet HTML 7Page - International Rectifier IRF7726PBF_15 Datasheet HTML 8Page - International Rectifier IRF7726PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
02/22/05
IRF7726PbF
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
VDS
Drain-Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-7.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-5.7
A
IDM
Pulsed Drain Current

-28
PD @TA = 25°C
Maximum Power Dissipation
ƒ
1.79
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.14
W
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
±20
V
TJ , TSTG
Junction and Storage Temperature Range
-55 to +150
°C
PD -95992
VDSS
RDS(on) max
ID
-30V
0.026@VGS = -10V
-
7.0A
0.040@VGS = -4.5V
-
6.0A
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
70
°C/W
MICRO-8
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.2mm)
l Available in Tape & Reel
l Lead-Free
HEXFET® Power MOSFETs from International Recti-
fier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the ruggedized device design,
that International Rectifier is well known for, provides
the designer with an extremely efficient and reliable
device for battery and load management.
The new Micro8 package, with half the footprint area
of the standard SO-8, provides the smallest footprint
available in an SOIC outline. This makes the Micro8
an ideal device for applications where printed circuit
board space is at a premium. The low profile (<1.2mm)
of the Micro8 will allow it to fit easily into extremely thin
application environments such as portable electronics
and PCMCIA cards.
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S


Similar Part No. - IRF7726PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7726PBF IRF-IRF7726PBF Datasheet
128Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF7726PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com