Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA90-0001-DC000 Datasheet(PDF) 5 Page - Tyco Electronics

Part # SA90-0001-DC000
Description  Vector Modulator, 1.94 to 2.24 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SA90-0001-DC000 Datasheet(HTML) 5 Page - Tyco Electronics

  SA90-0001-DC000 Datasheet HTML 1Page - Tyco Electronics SA90-0001-DC000 Datasheet HTML 2Page - Tyco Electronics SA90-0001-DC000 Datasheet HTML 3Page - Tyco Electronics SA90-0001-DC000 Datasheet HTML 4Page - Tyco Electronics SA90-0001-DC000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vector Modulator, 1.94 to 2.24 GHz
SA90-0001
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
5
Functional Block Diagram
Ordering Information
Part Number
Package
SA90-0001
Bulk Packaging
SA90-0001TR
Tape and Reel
SA90-0001-DC000
Units Mounted on Test Board with
Driver


Similar Part No. - SA90-0001-DC000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SA90-0001-DC000 MACOM-SA90-0001-DC000 Datasheet
340Kb / 5P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
SA90-0001-DC000 MA-COM-SA90-0001-DC000 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
SA90-0001-DC000 MA-COM-SA90-0001-DC000 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
SA90-0001-DC000 MA-COM-SA90-0001-DC000 Datasheet
680Kb / 8P
   Dual Linear Driver for Vector Modulators
More results

Similar Description - SA90-0001-DC000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
   1.5 GHz to 2.4 GHz RF Vector Modulator
REV. 0
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
logo
Analog Devices
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com