Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0805B0902BW Datasheet(PDF) 3 Page - AVX Corporation

Part # CP0805B0902BW
Description  Thin-Film Directional Couplers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0805B0902BW Datasheet(HTML) 3 Page - AVX Corporation

  CP0805B0902BW Datasheet HTML 1Page - AVX Corporation CP0805B0902BW Datasheet HTML 2Page - AVX Corporation CP0805B0902BW Datasheet HTML 3Page - AVX Corporation CP0805B0902BW Datasheet HTML 4Page - AVX Corporation CP0805B0902BW Datasheet HTML 5Page - AVX Corporation CP0805B0902BW Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
COUP
IN
50 OHM
OUT
LAYOUT
Thin-Film Directional Couplers
CP0805 Layout Types
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805A0836EW
824 - 849
11±1
CP0805A0881EW
869 - 894
10.5±1
0.85
1.4
GSM
CP0805A0902EW
890 - 915
10.5±1
CP0805A0947EW
935 - 960
10±1
E-GSM
CP0805A0897EW
880 - 915
10.5±1
CP0805A0942EW
925 - 960
10±1
PDC
CP0805A1441EW
1429 - 1453
7±1
1.8
1.8
PCN
CP0805A1747EW
1710 - 1785
5.5±1
CP0805A1842EW
1805 - 1880
5.5±1
2.7
2.2
PCS
CP0805A1880EW
1850 - 1910
5±1
Cp0805A1960EW
1930 - 1990
5±1
PHP
CP0805A1907EW
1895 - 1920
5±1
3.15
2.4
DECT
CP0805A1890EW
1880 - 1900
5±1
Wireless LAN
CP0805A2442EW
2400 - 2484
4±1
4.2
Type: A
Sub-Type: E
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
0.50
0.75
1.00
1.25
1.50
Frequency (GHz)
1.75
2.00
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805A0836DW
824 - 849
13.0±1
CP0805A0881DW
869 - 894
12.5±1
0.5
1.4
GSM
CP0805A0902DW
890 - 915
12.5±1
CP0805A0947DW
935 - 960
12±1
E-GSM
CP0805A0897DW
880 - 915
12.5±1
CP0805A0942DW
925 - 960
12±1
PDC
CP0805A1441DW
1429 - 1453
8.5±1
1.25
1.8
PCN
CP0805A1747DW
1710 - 1785
7±1
CP0805A1842DW
1805 - 1880
7±1
1.85
PCS
CP0805A1880DW
1850 - 1910
7±1
Cp0805A1960DW
1930 - 1990
6.5±1
2.15
2.1
PHP
CP0805A1907DW
1895 - 1920
6.5±1
DECT
CP0805A1890DW
1880 - 1900
7±1
1.85
1.8
Wireless LAN
CP0805A2442DW
2400 - 2484
5.5±1
2.4
2.1
Type: A
Sub-Type: D
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0.60
0.80
1.00
1.20
1.40
Frequency (GHz)
1.60
1.80
2.00
2.20
2.40
COUP
IN
50 OHM
OUT
LAYOUT
COUP Port
RF IN
Port
RF OUT
Port
50 OHM
(External
Resistor)
LAYOUT
Type: B
Sub-Type: A
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
1.00
1.20
1.40
1.60
1.80
Frequency (GHz)
2.00
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2.20
2.40
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805B0836AW
824 - 849
21.5±1
CP0805B0881AW
869 - 894
21±1
GSM
CP0805B0902AW
890 - 915
21±1
CP0805B0947AW
935 - 960
20.5±1
0.25
E-GSM
CP0805B0897AW
880 - 915
21±1
CP0805B0942AW
925 - 960
20.5±1
PDC
CP0805B1441AW
1429 - 1453
17±1
PCN
CP0805B1747AW
1710 - 1785
15.5±1
1.2
Cp0805B1842AW
1805 - 1880
15.5±1
0.3
PCS
CP0805B1880AW
1850 - 1910
15±1
CP0805B1960AW
1930 - 1990
14.5±1
0.4
PHP
CP0805B1907AW
1895 - 1920
15±1
0.3
DECT
CP0805B1890AW
1880 - 1900
15±1
Wireless LAN
CP0805B2442AW
2400 - 2484
13±1
0.4
Important: Couplers can be used at any frequency within the indicated range.
COUP
50 OHM
RF IN
RF OUT
Sn100 LAYOUT
COUP
50 OHM
RF IN
RF OUT
Sn100 LAYOUT
RF IN
COUP
RF OUT
50 OHM
Sn100 LAYOUT
3
66


Similar Part No. - CP0805B0902BW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805B0902BW AVX-CP0805B0902BW Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
More results

Similar Description - CP0805B0902BW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com