Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0805A1880DW Datasheet(PDF) 6 Page - AVX Corporation

Part # CP0805A1880DW
Description  Thin-Film Directional Couplers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0805A1880DW Datasheet(HTML) 6 Page - AVX Corporation

  CP0805A1880DW Datasheet HTML 1Page - AVX Corporation CP0805A1880DW Datasheet HTML 2Page - AVX Corporation CP0805A1880DW Datasheet HTML 3Page - AVX Corporation CP0805A1880DW Datasheet HTML 4Page - AVX Corporation CP0805A1880DW Datasheet HTML 5Page - AVX Corporation CP0805A1880DW Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
69
3
Thin-Film Directional Couplers
CP0805 and CP0603 Test Jig
GENERAL DESCRIPTION
This jig is designed for the testing of CP0805 and CP0603
series Directional Couplers using a vector network analyzer.
It consists of a FR4 multi-layer substrate, having 50Ω
microstrips as conducting lines and a ground plane in the
middle layer, located at a distance of 0.2mm from the
microstrips.
The connectors are SMA type (female), ‘Johnson Components
Inc.’ Product P/N: 142-0701-881.
The jig is designed for a full 2-port calibration. LOAD calibration
can be done either by a 50Ω SMA termination, or by soldering
a 50Ω chip resistor at the 50Ω ports.
MEASUREMENT PROCEDURE
When measuring a component, it can be either soldered or
pressed by a non-metallic stick until all four ports touch the
appropriate pads. To measure the coupling (and the R. Loss)
place the component on the Port 1 & Port 2 pads. Use two
SMA 50Ω terminations (male) to terminate the ports, which
are not connected to the network analyzer, and connect
the network analyzer to the two ports. A 90° rotation of
the component on its pads allows measuring a second
parameter (I. Loss).
ITF TEST JIG FOR COUPLER TYPES 0805 AND 0603 SMD
Connector (1 of 12)
P/N 142-0701-881
Open
Short
Load & Thru
Port 2
Port 2
Port 1
Port 1
50
Ω
50
Ω
50
Ω
50
Ω
Calibration Area
Coupler 0805
Coupler 0603
CP0805 SERIES DIRECTIONAL COUPLERS
Orientation and Tape and Reel Packaging Specification
CP0805xxxxxxSTR (Sn100)
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
TYPE AC
TYPE AD
TYPE AE
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
TYPE AA
TYPE AB
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
TYPE BA
TYPE BB
TYPE BC
(Top View)
The parts should be mounted on the PCB with White (Alumina)
side down and the "dark" side up.
TYPE AC
TYPE AD
TYPE AE
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
TYPE BA
TYPE BB
TYPE BC
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
COUP
RF
IN
RF
OUT
50
OHM
TYPE AA
TYPE AB
(Top View)
The parts should be mounted on the PCB with printed side up.


Similar Part No. - CP0805A1880DW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805A1880DW AVX-CP0805A1880DW Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
More results

Similar Description - CP0805A1880DW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com