Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0805A0942CW Datasheet(PDF) 2 Page - AVX Corporation

Part # CP0805A0942CW
Description  Thin-Film Directional Couplers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0805A0942CW Datasheet(HTML) 2 Page - AVX Corporation

  CP0805A0942CW Datasheet HTML 1Page - AVX Corporation CP0805A0942CW Datasheet HTML 2Page - AVX Corporation CP0805A0942CW Datasheet HTML 3Page - AVX Corporation CP0805A0942CW Datasheet HTML 4Page - AVX Corporation CP0805A0942CW Datasheet HTML 5Page - AVX Corporation CP0805A0942CW Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805A0836AW
824 - 849
16.5±1
CP0805A0881AW
869 - 894
16±1
0.25
GSM
CP0805A0902AW
890 - 915
16±1
CP0805A0947AW
935 - 960
15.5±1
1.2
E-GSM
CP0805A0897AW
880 - 915
16±1
CP0805A0942AW
925 - 960
15.5±1
PDC
CP0805A1441AW
1429 - 1453
12±1
0.5
1.3
PCN
CP0805A1747AW
1710 - 1785
10.5±1
0.7
CP0805A1842AW
1805 - 1880
10±1
0.8
PCS
CP0805A1880AW
1850 - 1910
9.5±1
1.4
CP0805A1960AW
1930 - 1990
9.5±1
PHP
CP0805A1907AW
1895 - 1920
9.5±1
DECT
CP0805A1890AW
1880 - 1900
9.5±1
Thin-Film Directional Couplers
CP0805 Layout Types
Type: A
Sub-Type: A
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0.60
0.80
1.00
1.20
1.40
Frequency (GHz)
1.60
0
-1
1.80
2.00
COUP
Port
RF IN
Port
50 OHM
(External
Resistor)
RF OUT
Port
LAYOUT
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805A0836BW
824 - 849
19±1
CP0805A0881BW
869 - 894
18.5±1
0.25
1.2
GSM
CP0805A0902BW
890 - 915
18±1
CP0805A0947BW
935 - 960
18±1
E-GSM
CP0805A0897BW
880 - 915
18.5±1
CP0805A0942BW
925 - 960
18±1
PDC
CP0805A1441BW
1429 - 1453
14.5±1
0.35
PCN
CP0805A1747BW
1710 - 1785
12.5±1
0.5
CP0805A1842BW
1805 - 1880
12.5±1
PCS
CP0805A1880BW
1850 - 1910
12±1
0.6
CP0805A1960BW
1930 - 1990
11.5±1
0.7
1.4
PHP
CP0805A1907BW
1895 - 1920
12±1
0.6
DECT
CP0805A1890BW
1880 - 1900
12±1
Wireless LAN
CP0805A2442BW
2400 - 2484
10±1
0.9
Type: A
Sub-Type: B
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0.60
0.80
1.00
1.20
1.40
Frequency (GHz)
1.60
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1.80
2.00
COUP
Port
RF IN
Port
50 OHM
(External
Resistor)
RF OUT
Port
LAYOUT
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805A0836CW
824 - 849
14±1
CP0805A0881CW
869 - 894
13.5±1
0.5
GSM
CP0805A0902CW
890 - 915
13.5±1
CP0805A0947CW
935 - 960
13±1
1.4
E-GSM
CP0805A0897CW
880 - 915
13.5±1
CP0805A0942CW
925 - 960
13±1
PDC
CP0805A1441CW
1429 - 1453
9.5±1
1.15
1.8
PCN
CP0805A1747CW
1710 - 1785
8±1
1.6
CP0805A1842CW
1805 - 1880
8±1
PCS
CP0805A1880CW
1850 - 1910
7.5±1
1.75
2.2
Cp0805A1960CW
1930 - 1990
7.5±1
PHP
CP0805A1907CW
1895 - 1920
7.5±1
DECT
CP0805A1890CW
1880 - 1900
7.5±1
Wireless LAN
CP0805A2442CW
2400 - 2484
6±1
2.5
Type: A
Sub-Type: C
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0.60
0.80
1.00
1.20
1.40
Frequency (GHz)
1.60
1.80
2.00
2.20
2.40
COUP
IN
50 OHM
OUT
LAYOUT
Important: Couplers can be used at any frequency within the indicated range.
COUP
50 OHM
RF IN
RF OUT
Sn100 LAYOUT
COUP
50 OHM
RF IN
RF OUT
Sn100 LAYOUT
COUP
50 OHM
RF IN
RF OUT
Sn100 LAYOUT
3
65


Similar Part No. - CP0805A0942CW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805A0942CW AVX-CP0805A0942CW Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
More results

Similar Description - CP0805A0942CW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com