Electronic Components Datasheet Search |
|
CP0805A1747BW Datasheet(PDF) 1 Page - AVX Corporation |
|
CP0805A1747BW Datasheet(HTML) 1 Page - AVX Corporation |
1 / 6 page The ITF SMD Coupler is based on thin-film multilayer technology. The technology provides a miniature part with excellent high frequency performance and rugged construction for reliable automatic assembly. The ITF Coupler is offered in a variety of frequency bands compatible with various types of high frequency wireless systems. W B L T A 0805 L 2.03±0.1 (0.080±0.004) W 1.55±0.1 (0.061±0.004) T 0.98±0.1 (0.039±0.004) A 0.56±0.25 (0.022±0.010) B 0.35±0.15 (0.014±0.006) CP Style Directional Coupler 0805 Size 0805 A Layout Type (see layout types) 0902 Frequency MHz A Sub Type (see layout sub-types) S Termination Code W = Nickel/Solder (Sn/Pb) **S = Nickel / Lead Free Solder (Sn100) TR Packaging Code TR = Tape and Reel HOW TO ORDER Thin-Film Directional Couplers CP0805 SMD Type GENERAL DESCRIPTION ITF (Integrated Thin-Film) TECHNOLOGY FEATURES • Small Size: 0805 • Frequency Range: 800MHz - 3GHz • Characteristic Impedance: 50Ω • Operating / Storage Temp.: -40°C to +85°C • Power Rating: 3W Continuous • Low Profile • Rugged Construction • Taped and Reeled APPLICATIONS • Mobile Communications • Satellite TV Receivers • GPS • Vehicle Location Systems • Wireless LAN’s QUALITY INSPECTION Finished parts are 100% tested for electrical parameters and visual characteristics. Each production lot is evaluated on a sample basis for: • Static Humidity: 85°C, 85% RH, 160 hours • Endurance: 125°C, I R, 4 hours TERMINATION Nickel/Solder coating (Sn, Pb) compatible with automatic soldering technologies: reflow, wave soldering, vapor phase and manual. 2.33 (0.092) 0.60 (0.024) 0.65 (0.026) 2.25 (0.089) Recommended Pad Layout Dimensions mm (inches) NOTE: Components must be mounted on the board with the white (Alumina) side DOWN. DIMENSIONS: millimeters (inches) (Top View) Not RoHS Compliant LEAD-FREE COMPATIBLE COMPONENT **RoHS compliant For RoHS compliant products, please select correct termination style. 3 64 |
Similar Part No. - CP0805A1747BW |
|
Similar Description - CP0805A1747BW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |