Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1552T-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA1552T-TL-H
Description  Bipolar Transistor Converters, inverters, color TV audio output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1552T-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  2SA1552T-TL-H Datasheet HTML 1Page - ON Semiconductor 2SA1552T-TL-H Datasheet HTML 2Page - ON Semiconductor 2SA1552T-TL-H Datasheet HTML 3Page - ON Semiconductor 2SA1552T-TL-H Datasheet HTML 4Page - ON Semiconductor 2SA1552T-TL-H Datasheet HTML 5Page - ON Semiconductor 2SA1552T-TL-H Datasheet HTML 6Page - ON Semiconductor 2SA1552T-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA1552 / 2SC4027
No.2262-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)120V, IE=0A
(--)1.0
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1.0
μA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)100mA
140*
400*
hFE2VCE=(--)5V, IC=(--)10mA
80
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
120
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(22)12
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=(--)500mA, IB=(--)50mA
(--0.2)0.13
(--0.5)0.45
V
Base to Emitter Saturation Voltage
VBE(sat)
IC=(--)500mA, IB=(--)50mA
(--)0.85
(--)1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)180
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)160
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
60
ns
Storage Time
tstg
(0.7)1.2
μs
Fall Time
tf
(50)80
ns
* : The 2SA1552 / 2SC4027 are classified by 100mA hFE as follows : (unit : μA)
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1552S-E
TP
500pcs./bag
Pb Free
2SA1552S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SA1552T-E
TP
500pcs./bag
Pb Free
2SA1552T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SC4027S-E
TP
500pcs./bag
Pb Free
2SC4027S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SC4027T-E
TP
500pcs./bag
Pb Free
2SC4027T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SA1552S-TL-E
TP-FA
700pcs./reel
Pb Free
2SA1552S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SA1552T-TL-E
TP-FA
700pcs./reel
Pb Free
2SA1552T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SC4027S-TL-E
TP-FA
700pcs./reel
Pb Free
2SC4027S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SC4027T-TL-E
TP-FA
700pcs./reel
Pb Free
2SC4027T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
VR
100V
RL
140
Ω
--5V
10IB1= --10IB2=IC=0.7A
For PNP, the polarity is reversed.
++
50
Ω
INPUT
OUTPUT
RB
100
μF 470μF
PW=20
μs
IB1
IB2
D.C.
≤1%
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - 2SA1552T-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1552T-TL-H ONSEMI-2SA1552T-TL-H Datasheet
419Kb / 10P
   Bipolar Transistor
August, 2013
More results

Similar Description - 2SA1552T-TL-H

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
   COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
   COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
   Color TV Audio Output & Color TV Vertical
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383 FAIRCHILD-FJC2383 Datasheet
437Kb / 6P
   Color TV Audio Output & Color TV Vertical Deflection Output
KSA1013YBU FAIRCHILD-KSA1013YBU Datasheet
60Kb / 5P
   Color TV Audio Output Color TV Vertical Deflection Output
FJC2383YTF FAIRCHILD-FJC2383YTF Datasheet
442Kb / 6P
   NPN Epitaxial Silicon Transistor Color TV Audio Output & Color TV Vertical Deflection Output
logo
Samsung semiconductor
KSA1013 SAMSUNG-KSA1013 Datasheet
102Kb / 3P
   PNP (COLOR TV AUDIO OUTPUT)
logo
KEC(Korea Electronics)
KTC4217 KEC-KTC4217 Datasheet
401Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT AND AUDIO OUTPUT)
logo
Samsung semiconductor
KSC2383 SAMSUNG-KSC2383 Datasheet
104Kb / 3P
   NPN (COLOR TV AUDIO OUTPUT, VERTICAL DEFLECFION OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com