Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4489T-AN Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC4489T-AN
Description  Bipolar Transistor High breakdown voltage, large current capacity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4489T-AN Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4489T-AN Datasheet HTML 1Page - ON Semiconductor 2SC4489T-AN Datasheet HTML 2Page - ON Semiconductor 2SC4489T-AN Datasheet HTML 3Page - ON Semiconductor 2SC4489T-AN Datasheet HTML 4Page - ON Semiconductor 2SC4489T-AN Datasheet HTML 5Page - ON Semiconductor 2SC4489T-AN Datasheet HTML 6Page - ON Semiconductor 2SC4489T-AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1709 / 2SC4489
No.3096-3/7
fT -- IC
fT -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V ITR04343
2SC4489
ITR04342
2SA1709
IB=0A
--1mA
--2mA
--3mA
--4mA
--6mA
--5m
A
IB=0A
0.5mA
1.0mA
1.5mA
3.5mA
2.0mA
3.0mA
4.0mA
4.5mA
2.5mA
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--10
--20
--40
--50
--30
1.0
0.8
0.6
0.4
0.2
0
010
20
40
50
30
100
10
3
2
7
5
3
2
2SA1709
VCE= --10V
ITR04348
2SC4489
VCE=10V
ITR04349
Ta=75°C
25
°C
--25°C
2SC4489
VCE=5V
ITR04347
100
3
--0.01
1000
7
5
3
2
7
5
23
5
7
--0.1
72
3
5 7 --1.0
23
2SA1709
VCE= --5V
ITR04346
Ta=75
°C
--25
°C
25
°C
100
10
3
2
7
5
3
2
0.01
23
5
7
0.1
72
3
5 7 1.0
23
--0.01
23
5
7
--0.1
72
3
2
3
5
--1.0
7
100
3
1000
7
5
3
2
7
5
2SC4489
VCE=5V
ITR04345
0
--2.4
--2.0
--1.6
--1.2
--0.8
--0.4
0
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
2SA1709
VCE= --5V
ITR04344
0.01
23
5
7
0.1
72
3
2
3
5
1.0
7
0
2.4
2.0
1.6
1.2
0.8
0.4
0
1.2
1.0
0.8
0.6
0.4
0.2


Similar Part No. - 2SC4489T-AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC4489T-AN ONSEMI-2SC4489T-AN Datasheet
623Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - 2SC4489T-AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
   Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
   2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
Panasonic Semiconductor
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
   4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
   9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com