Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0402P1960EN Datasheet(PDF) 1 Page - AVX Corporation

Part # CP0402P1960EN
Description  Thin Film Directional Coupler CP0402P High Directivity, Tight Coupling Tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0402P1960EN Datasheet(HTML) 1 Page - AVX Corporation

  CP0402P1960EN Datasheet HTML 1Page - AVX Corporation CP0402P1960EN Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thin Film Directional Coupler
CP0402P High Directivity, Tight Coupling Tolerance
QUALITY INSPECTION
Finished parts are 100% tested for electrical parameters and
visual characteristics. Each production lot is evaluated on a
sample basis for:
• Static Humidity: 85°C, 85% RH, 160 hours
• Endurance: 125°C, I
R, 4 hours
TERMINATION
Nickel/Lead-Free Solder coating compatible with automatic
soldering technologies: reflow, wave soldering, vapor phase
and manual.
OPERATING TEMPERATURE:
-40°C to +85°C
The CP0402P Series High Directivity, Tight Coupling Tolerance LGA
Coupler is based on the proprietary RFAP Thin-Film multilayer technology.
The technology provides a miniature part with excellent high frequency
performance and ugged construction for reliable automatic assembly.
The ITF Coupler is offered in a variety of frequency bands compatible
with various types of high frequency wireless systems.
APPLICATIONS
• Wireless communications
• Wireless LAN’s
• GPS
• WiMAX
L
T
S
W
B
A
DIMENSIONS:
millimeters (inches)
(Bottom View)
L
1.00±0.05
(0.040±0.002)
W
0.58±0.04
(0.023±0.002)
T
0.35±0.05
(0.014±0.002)
GENERAL DESCRIPTION
ITF (Integrated Thin-Film) TECHNOLOGY
A
0.20±0.05
(0.008±0.002)
B
0.18±0.05
(0.007±0.002)
S
0.05±0.05
(0.002±0.002)
0.31
(0.012)
0.15
(0.006)
0.53
(0.021)
0.20
(0.008)
OUT
IN
50 OHM
COUPLING
Recommended Pad Layout Dimensions
mm (inches)
LAND GRID ARRAY
ADVANTAGES
• Inherent Low Profile
• Self Alignment during Reflow
• Excellent Solderability
• Low Parasitics
• Better Heat Dissipation
• Power Rating 3W RF Continuous
CP
Style
0402
Size
0402
P
Type
±0.5dB
Tight Tolerance
XXXX
Frequency
MHz
X
Sub-Type
N
Termination
LGA
Lead-Free
TR
Taped & Reeled
HOW TO ORDER
TERMINALS (Top View)
LEAD-FREE COMPATIBLE
COMPONENT
3
47


Similar Part No. - CP0402P1960EN

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
CP0402Q5425ENTR AVX-CP0402Q5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
More results

Similar Description - CP0402P1960EN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
logo
AVX Corporation
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
Marki Microwave
CBR17-0026 MARKIMICROWAVE-CBR17-0026 Datasheet
213Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0012 MARKIMICROWAVE-CBR16-0012 Datasheet
443Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0003 MARKIMICROWAVE-CBR16-0003 Datasheet
463Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
logo
TDK Electronics
TFSC06054125-2113A1X TDK-TFSC06054125-2113A1X Datasheet
118Kb / 7P
   Thin-Film Directional Coupler For 2400-2500MHz / 4900-5850MHz
TFSC06054125-2120A1X TDK-TFSC06054125-2120A1X Datasheet
120Kb / 7P
   Thin-Film Directional Coupler For 2400-2500MHz / 5150-5850MHz
logo
Marki Microwave
CBR16-0006 MARKIMICROWAVE-CBR16-0006 Datasheet
364Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com