Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5194G Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5194G
Description  Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5194G Datasheet(HTML) 2 Page - ON Semiconductor

  2N5194G_13 Datasheet HTML 1Page - ON Semiconductor 2N5194G_13 Datasheet HTML 2Page - ON Semiconductor 2N5194G_13 Datasheet HTML 3Page - ON Semiconductor 2N5194G_13 Datasheet HTML 4Page - ON Semiconductor 2N5194G_13 Datasheet HTML 5Page - ON Semiconductor 2N5194G_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N5194G, 2N5195G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) (Note 2)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 0.1 Adc, IB = 0)
2N5194G
2N5195G
VCEO(sus)
60
80
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
2N5194G
(VCE = 80 Vdc, IB = 0)
2N5195G
ICEO
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc)
2N5194G
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc)
2N5195G
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc, TC = 125_C)
2N5194G
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc, TC = 125_C)
2N5195G
ICEX
−0.1
0.1
2.0
2.0
mAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
2N5194G
(VCB = 80 Vdc, IE = 0)
2N5195G
ICBO
0.1
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 1.5 Adc, VCE = 2.0 Vdc)
2N5194G
2N5195G
(IC = 4.0 Adc, VCE = 2.0 Vdc)
2N5194G
2N5195G
hFE
25
20
10
7.0
100
80
Collector−Emitter Saturation Voltage (Note 3)
(IC = 1.5 Adc, IB = 0.15 Adc)
(IC = 4.0 Adc, IB = 1.0 Adc)
VCE(sat)
0.6
1.4
Vdc
Base−Emitter On Voltage (Note 3)
(IC = 1.5 Adc, VCE = 2.0 Vdc)
VBE(on)
1.2
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Indicates JEDEC registered data.
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - 2N5194G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5194G ONSEMI-2N5194G Datasheet
86Kb / 6P
   Silicon PNP Power Transistors
October, 2006 ??Rev. 12
More results

Similar Description - 2N5194G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5194 ONSEMI-2N5194 Datasheet
99Kb / 8P
   Silicon PNP Power Transistors(4 AMPERE)
April, 2002 ??Rev. 10
logo
Micro Commercial Compon...
BD136-6 MCC-BD136-6 Datasheet
317Kb / 3P
   Power Transistors PnP Silicon Volts
logo
New Jersey Semi-Conduct...
2N6190 NJSEMI-2N6190 Datasheet
155Kb / 1P
   5 AMPERE POWER TRANSISTORS PNP SILICON
2N5344 NJSEMI-2N5344 Datasheet
125Kb / 1P
   1 AMPERE POWER TRANSISTORS PNP SILICON
2N6378 NJSEMI-2N6378 Datasheet
204Kb / 2P
   50 AMPERE POWER TRANSISTORS PNP SILICON
2N6182 NJSEMI-2N6182 Datasheet
259Kb / 2P
   10 AMPERE POWER TRANSISTORS PNP SILICON
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com