Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0305050M Datasheet(PDF) 2 Page - Littelfuse

Part # 0305050M
Description  PICO 305 Series Fuses - 277V UL913 Intrinsically Safe Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0305050M Datasheet(HTML) 2 Page - Littelfuse

  0305050M Datasheet HTML 1Page - Littelfuse 0305050M Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/05/14
Special Application Fuses
PICO® 305 Series Fuses - 277V UL913 Intrinsically Safe Fuse
Product Characteristics
Dimensions
15.60±0.50
0.64
9.00±0.50
5.00+1.00
- 0.50
12.70±0.20
Average Time Current Curves
305 Series
100
10
1
0.1
0.01
0.001
0.0001
1
10
1000
0.01
CURRENT IN AMPERES
100
0.1
Thermal Shock
Withstands5cyclesof–55°Cto
125°C
Vibration
PerMIL-STD-202F
Insulation Resistance
(After Opening)
Greaterthan10,000ohms
(attwiceratedDCvoltage)
Soldering Parameters
Part Numbering System
0305 .050 M
SERIES
AMP CODE
QuANTITY & PACkAgINg CODE
RefertoAmpCodecolumninthe
ElectricalSpecificationstable.
M=Bulkpack,1000pcs
H=Bulkpack,100pcs
V=Bulkpack,5pcs
Wave Soldering
260°C,10secondsmax.
OperatingTemperature
Current Rating
AmbientTemperature
≤ 0.200 A
-40ºCto+50ºC
0.250 A
-40ºCto+46ºC
0.500 A
-40ºCto+74ºC
0.750 A
-40ºCto+46ºC
Note:
1)Anyuseofthe305Seriesfuseoutsideoftheambienttemperaturerangesspecifiedin
thetableissubjecttoadditionalinvestigation.
Note:
1)Reratingdepictedinthiscurveisinadditiontothestandardreratingof25%for
continuousoperation.
Temperature Rerating Curve


Similar Part No. - 0305050M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0305050400 ETC2-0305050400 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
0305050400 ETC2-0305050400 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 0305050M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PICO-305 LITTELFUSE-PICO-305 Datasheet
562Kb / 2P
   PICO짰 305 Series - 277V Intrinsically Safe Fuse
0259.062MX913 LITTELFUSE-0259.062MX913 Datasheet
397Kb / 2P
   PICO 259-UL913 Series Intrinsically Safe Fuse for Hazardous Locations
PICO-259-UL913 LITTELFUSE-PICO-259-UL913 Datasheet
651Kb / 2P
   PICO짰 259-UL913 Series Intrinsically Safe Fuse
logo
Pepperl+Fuchs Inc.
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
   Intrinsically safe Bluetooth짰 handheld
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
   Intrinsically Safe Sensors
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
   Intrinsically safe Ethernet Isolator
logo
Littelfuse
0459.375ER LITTELFUSE-0459.375ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.062ER LITTELFUSE-0459.062ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459.250ER LITTELFUSE-0459.250ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
0459001.ER LITTELFUSE-0459001.ER Datasheet
330Kb / 3P
   Surface Mount Fuses PICO SMF Fuse > 459 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com