Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7425PBF-1 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7425PBF-1
Description  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7425PBF-1 Datasheet(HTML) 3 Page - International Rectifier

  IRF7425PBF-1 Datasheet HTML 1Page - International Rectifier IRF7425PBF-1 Datasheet HTML 2Page - International Rectifier IRF7425PBF-1 Datasheet HTML 3Page - International Rectifier IRF7425PBF-1 Datasheet HTML 4Page - International Rectifier IRF7425PBF-1 Datasheet HTML 5Page - International Rectifier IRF7425PBF-1 Datasheet HTML 6Page - International Rectifier IRF7425PBF-1 Datasheet HTML 7Page - International Rectifier IRF7425PBF-1 Datasheet HTML 8Page - International Rectifier IRF7425PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF7425PbF-1
3
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 20, 2013
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
1000
0.1
1
10
100
20μs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
-7.0V
-5.0V
-4.5V
-2.5V
-1.8V
-1.5V
-1.2V
-1.0V
-V
, Drain-to-Source Voltage (V)
DS
-1.0V
0.1
1
10
100
1000
0.1
1
10
100
20μs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
-7.0V
-5.0V
-4.5V
-2.5V
-1.8V
-1.5V
-1.2V
-1.0V
-V
, Drain-to-Source Voltage (V)
DS
-1.0V
0.1
1
10
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
V
= -15V
20μs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-4.5V
-15A


Similar Part No. - IRF7425PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7425PBF IRF-IRF7425PBF Datasheet
152Kb / 9P
   HEXFET Power MOSFET
IRF7425PBF IRF-IRF7425PBF Datasheet
157Kb / 9P
   Ultra Low On-Resistance
IRF7425PBF IRF-IRF7425PBF Datasheet
198Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7425PBF IRF-IRF7425PBF_15 Datasheet
198Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7425PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com