Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7424PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7424PBF
Description  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7424PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7424PBF_15 Datasheet HTML 1Page - International Rectifier IRF7424PBF_15 Datasheet HTML 2Page - International Rectifier IRF7424PBF_15 Datasheet HTML 3Page - International Rectifier IRF7424PBF_15 Datasheet HTML 4Page - International Rectifier IRF7424PBF_15 Datasheet HTML 5Page - International Rectifier IRF7424PBF_15 Datasheet HTML 6Page - International Rectifier IRF7424PBF_15 Datasheet HTML 7Page - International Rectifier IRF7424PBF_15 Datasheet HTML 8Page - International Rectifier IRF7424PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-11
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-9.3
A
IDM
Pulsed Drain Current

-47
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
20
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
10/04/04
www.irf.com
1
IRF7424PbF
HEXFET® Power MOSFET
These P-Channel MOSFETs from International
Rectifier utilize advanced processing techniques to
achieve the extremely low on-resistance per silicon
area.
This benefit provides the designer with an
extremely efficient device for use in battery and load
management applications..
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared, or wave soldering technique
s.
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Lead-Free
PD- 95343
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS
RDS(on) max (mW)
ID
-30V
13.5@VGS = -10V
-11A
22@VGS = -4.5V
-8.8A
SO-8


Similar Part No. - IRF7424PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424PBF IRF-IRF7424PBF Datasheet
122Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRF7424PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com