Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7420PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7420PBF
Description  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7420PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7420PBF_15 Datasheet HTML 1Page - International Rectifier IRF7420PBF_15 Datasheet HTML 2Page - International Rectifier IRF7420PBF_15 Datasheet HTML 3Page - International Rectifier IRF7420PBF_15 Datasheet HTML 4Page - International Rectifier IRF7420PBF_15 Datasheet HTML 5Page - International Rectifier IRF7420PBF_15 Datasheet HTML 6Page - International Rectifier IRF7420PBF_15 Datasheet HTML 7Page - International Rectifier IRF7420PBF_15 Datasheet HTML 8Page - International Rectifier IRF7420PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF7420PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-4.5V
-11.5A
0.1
1
10
100
0.5
1.0
1.5
2.0
2.5
V
= -10V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
-1.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
-7.0V
-5.0V
-4.5V
-2.5V
-1.8V
-1.5V
-1.2V
BOTTOM -1.0V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
-1.0V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
-7.0V
-5.0V
-4.5V
-2.5V
-1.8V
-1.5V
-1.2V
BOTTOM -1.0V


Similar Part No. - IRF7420PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7420PBF-1 IRF-IRF7420PBF-1 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7420PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com