Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7413PBF-1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7413PBF-1
Description  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7413PBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7413PBF-1_15 Datasheet HTML 1Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 2Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 3Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 4Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 5Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 6Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 7Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 8Page - International Rectifier IRF7413PBF-1_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7413PbF-1
2
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 19, 2013
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 7.3A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
‚ Starting TJ= 25°C, L = 9.8mH
RG = 25Ω, IAS =7.3A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Surface mounted on FR-4 board
† Rθ is measured at TJ approximately 90°C
Symbol
Parameter
Min
Typ Max Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.034
–––
V/°C
–––
–––
0.011
–––
–––
0.018
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
10
–––
–––
S
–––
–––
12
–––
–––
25
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
Qg
Total Gate Charge
–––
52
79
Qgs
Gate-to-Source Charge
–––
6.1
9.2
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
16
23
RG
Gate Resistance
–––
–––
3.7
Ω
td(on)
Turn-On Delay Time
–––
8.6
–––
tr
Rise Time
–––
50
–––
td(off)
Turn-Off Delay Time
–––
52
–––
ns
tf
Fall Time
–––
46
–––
Ciss
Input Capacitance
–––
1800
–––
Coss
Output Capacitance
–––
680
–––
Crss
Reverse Transfer Capacitance
–––
240
–––
Symbol
Parameter
Min. Typ. Max. Units
Continuous Source Current
(Body Diode)
A
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
74
110
ns
Qrr
Reverse Recovery Charge
–––
200
300
nC
ISM
–––
–––
58
IS
IDSS
Drain-to-Source Leakage Current
μA
IGSS
pF
3.1
–––
–––
nA
Ω
VGS = 4.5V, ID = 3.7A f
Static Drain-to-Source On-Resistance
VGS = 10V, ID = 7.3A f
RDS(on)
VDS = VGS, ID = 250μA
VDS = 30V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
VDS = 10V, ID = 3.7A
ID = 7.3A
VDS = 24V
Conditions
RG = 2.0
Ω, See Fig. 10 f
VGS = 0V
RG = 6.2
Ω
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
TJ = 25°C, IS = 7.3A, VGS = 0V e
TJ = 25°C, IF = 7.3A
di/dt = 100A/μs
e
showing the
integral reverse
p-n junction diode.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
VGS = 10V, See Fig. 6 and 9
f
VDD = 15V
ID = 7.3A
VGS = -20V
VGS = 20V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA


Similar Part No. - IRF7413PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF IRF-IRF7413PBF Datasheet
211Kb / 9P
   HEXFET Power MOSFET
IRF7413PBF IRF-IRF7413PBF Datasheet
263Kb / 9P
   ULTAR LOW ON RESISTANCE
IRF7413PBF IRF-IRF7413PBF_15 Datasheet
263Kb / 9P
   ULTAR LOW ON RESISTANCE
More results

Similar Description - IRF7413PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com