Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT322435-TLMWD-E25A Datasheet(PDF) 6 Page - P-tec Corporation

Part # PT322435-TLMWD-E25A
Description  Preliminary Specification was first issued
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PT322435-TLMWD-E25A Datasheet(HTML) 6 Page - P-tec Corporation

Back Button PT322435-TLMWD-E25A Datasheet HTML 2Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 3Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 4Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 5Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 6Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 7Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 8Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 9Page - P-tec Corporation PT322435-TLMWD-E25A Datasheet HTML 10Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MODEL NO.
PAGE
PT322435-TLMWD-E25A SPEC & SAMPLE
6
7. Absolute Maximum Ratings
7.1 Absolute Ratings of Environment
Item
Symbol
Value
Unit
Note
Min.
Max.
Storage Temperature
TST
-30
+80
°C
(1)
Operating Ambient Temperature
TOP
-20
+70
°C
(1)
Note (1) Temperature and relative humidity range are shown in the figure below.
(a) 90%RH Max. (Ta
40°C).
(b) Wet-bulb temperature should be 39°C Max. (Ta>40°C).
(c) No condensation.
7.2 Electrical Absolute Ratings
7.2.1 TFT-LCD Module
(Ta=25±2°C, GND=VSS=0V)
Item
Symbol
Value
Unit
Note
Min.
Max.
Digital Power Supply Voltage
VCC
VSS-0.3
5.0
V
-
7.2.2 Backlight Unit
(Ta=25±2°C)
Item
Symbol
Value
Unit
Note
Min.
Max.
Forward current
If
-
(50)
mA
(1)
Reverse voltage
VR
-
(25)
V
(1)
Note (1) Permanent damage to the device may occur if maximum values are
exceeded or reverse voltage is loaded.


Similar Part No. - PT322435-TLMWD-E25A

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PT322435-TLMWD-E25C P-TEC-PT322435-TLMWD-E25C Datasheet
2Mb / 30P
   Input / Output Terminals Pin Assignment
PT322435-TLMWD-E25D P-TEC-PT322435-TLMWD-E25D Datasheet
2Mb / 32P
   Preliminary Specification was first issued
PT322435-TLMWD-E25E P-TEC-PT322435-TLMWD-E25E Datasheet
2Mb / 30P
   Preliminary Specification was first issued
More results

Similar Description - PT322435-TLMWD-E25A

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PT322435-TLMWD-E23B P-TEC-PT322435-TLMWD-E23B Datasheet
2Mb / 33P
   Preliminary Specification was first issued
PT322435-TLMWD-E31A P-TEC-PT322435-TLMWD-E31A Datasheet
3Mb / 42P
   Preliminary Specification was first issued
PG12864E1-O P-TEC-PG12864E1-O Datasheet
788Kb / 18P
   Preliminary Specification was first issued
PCOG128128PR-O P-TEC-PCOG128128PR-O Datasheet
2Mb / 22P
   Preliminary Specification was first issued
PCOG240160Q-O P-TEC-PCOG240160Q-O Datasheet
3Mb / 27P
   Preliminary Specification was first issued
PT322435-TLMWD-E25E P-TEC-PT322435-TLMWD-E25E Datasheet
2Mb / 30P
   Preliminary Specification was first issued
PG16064A-O P-TEC-PG16064A-O Datasheet
804Kb / 16P
   Preliminary Specification was first issued.
PT322435-TLMWD-E24A P-TEC-PT322435-TLMWD-E24A Datasheet
1Mb / 27P
   Preliminary Specification was first issued
PT322435-TLMWD-EC35B P-TEC-PT322435-TLMWD-EC35B Datasheet
3Mb / 43P
   Preliminary Specification was first issued
PG12864A-O P-TEC-PG12864A-O Datasheet
936Kb / 15P
   Preliminary Specification was first issued
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com