Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMZ-T2-397-O16-G Datasheet(PDF) 2 Page - RF Micro Devices

Part # UMZ-T2-397-O16-G
Description  VOLTAGE CONTROLLED OSCILLATOR WITH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

UMZ-T2-397-O16-G Datasheet(HTML) 2 Page - RF Micro Devices

  UMZ-T2-397-O16-G Datasheet HTML 1Page - RF Micro Devices UMZ-T2-397-O16-G Datasheet HTML 2Page - RF Micro Devices UMZ-T2-397-O16-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
UMZ-T2-397-O16-G
DS110907
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Ambient Temperature[1]
-40 to +85
°C
Storage Temperature
-55 to +125
°C
[1] Frequency drift: 13MHz typical (either extreme)
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Frequency Range
6525
MHz
Tuning Voltage
0.5
4.5
VDC
Tuning Sensitivity
60
MHz/V
Output Power
-3
0
2.5
dBm
-10
-5
0
dBm
1/2 frequency output
-4
dBm
At VT=0
Output Phase Noise
-70
-65
dBc/Hz
1kHz
-96
-91
dBc/Hz
10kHz
-116
-111
dBc/Hz
100kHz
-136
-131
dBc/Hz
1000kHz
-156
-151
dBc/Hz
10000kHz
Second Harmonic
-20
-10
dBc
Frequency Pulling
0.2
0.5
MHz p-p
At 12dBr, all phases
Tuning Port Capacitance
10
pF
Modulation Bandwidth
1000
kHz
3dB BW
Frequency Pushing
3
5
MHz/V
Power Supply
Operating Voltage
5
V
Supply Current
50
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - UMZ-T2-397-O16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMZ-T2-1042-A16-G RFMD-UMZ-T2-1042-A16-G Datasheet
260Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1045-O16-G RFMD-UMZ-T2-1045-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1062-O16-G RFMD-UMZ-T2-1062-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1078-O16-G RFMD-UMZ-T2-1078-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1080-O16-G RFMD-UMZ-T2-1080-O16-G Datasheet
265Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
More results

Similar Description - UMZ-T2-397-O16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMZ-T2-1062-O16-G RFMD-UMZ-T2-1062-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1078-O16-G RFMD-UMZ-T2-1078-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-447-O16-G RFMD-UMZ-T2-447-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1045-O16-G RFMD-UMZ-T2-1045-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-227-O16-G RFMD-UMZ-T2-227-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-226-O16-G RFMD-UMZ-T2-226-O16-G Datasheet
263Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1080-O16-G RFMD-UMZ-T2-1080-O16-G Datasheet
265Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
UMZ-T2-1042-A16-G RFMD-UMZ-T2-1042-A16-G Datasheet
260Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR WITH
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com