Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFXF0007 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFXF0007
Description  45MHz to 1200MHz Operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFXF0007 Datasheet(HTML) 1 Page - RF Micro Devices

  RFXF0007 Datasheet HTML 1Page - RF Micro Devices RFXF0007 Datasheet HTML 2Page - RF Micro Devices RFXF0007 Datasheet HTML 3Page - RF Micro Devices RFXF0007 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140228
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
RFXF0007
1:1 SMT Transformer
45MHz to 1200MHz
The RFXF0007 transformer is designed for applications that
require small, low cost and highly reliable surface mount
components. Applications may be found in broadband, wireless
and other communications systems. These units are built lead-
free and RoHS compliant. S-Parameters are available on request.
Functional Block Diagram
Ordering Information
RFXF0007SB
Sample bag with 5 pieces
RFXF0007SQ
Sample bag with 25 pieces
RFXF0007SR
13" Sample reel with 100 pieces
RFXF0007TR13
13" Reel with 1000 pieces
Package: SP5
Features
45MHz to 1200MHz Operation
Low Cost and RoHS Compliant
Industry Standard SMT Package
Available in Tape-and-Reel
75
Ω Characteristic Impedance
Applications
Broadband/CATV
Wireless


Similar Part No. - RFXF0007

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFXF0007 QORVO-RFXF0007 Datasheet
303Kb / 4P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0007SB QORVO-RFXF0007SB Datasheet
303Kb / 4P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0007SQ QORVO-RFXF0007SQ Datasheet
303Kb / 4P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0007SR QORVO-RFXF0007SR Datasheet
303Kb / 4P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0007TR13 QORVO-RFXF0007TR13 Datasheet
303Kb / 4P
   1:1 SMT Transformer 45MHz to 1200MHz
More results

Similar Description - RFXF0007

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
   45MHz to 1200MHz Operation
RFXF0010 RFMD-RFXF0010 Datasheet
335Kb / 4P
   45MHz to 1200MHz Operation
RFXF0009 RFMD-RFXF0009 Datasheet
296Kb / 4P
   45MHz to 1200MHz Operation
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
   45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
   GaAs Optical Receiver 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
logo
RF Micro Devices
RFPP2590 RFMD-RFPP2590 Datasheet
268Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1200MHz
logo
Qorvo, Inc
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
   1:1 SMT Transformer 45MHz to 1200MHz
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1200MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com