Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZM3066Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SZM3066Z
Description  3.3GHz to 3.8GHz 2W POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM3066Z Datasheet(HTML) 4 Page - RF Micro Devices

  SZM3066Z Datasheet HTML 1Page - RF Micro Devices SZM3066Z Datasheet HTML 2Page - RF Micro Devices SZM3066Z Datasheet HTML 3Page - RF Micro Devices SZM3066Z Datasheet HTML 4Page - RF Micro Devices SZM3066Z Datasheet HTML 5Page - RF Micro Devices SZM3066Z Datasheet HTML 6Page - RF Micro Devices SZM3066Z Datasheet HTML 7Page - RF Micro Devices SZM3066Z Datasheet HTML 8Page - RF Micro Devices SZM3066Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
DS131017
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-3066Z
Measured 3.3GHz to 3.8GHz Application Circuit Data (VCC=VPC=5.0V IQ=600mA, T=25°C)
Typical Gain versus POUT, F=3.6GHz
28.0
30.0
32.0
34.0
36.0
38.0
40.0
16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0
POUT (dBm)
-40°C
+25°C
+85°C
Typical Gain versus POUT, F=3.7GHz
28.0
30.0
32.0
34.0
36.0
38.0
40.0
16.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 32.0 34.0 36.0
POUT (dBm)
-40°C
+25°C
+85°C
Narrowband S11 - Input Return Loss
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
Frequency (GHz)
-40°C
+25°C
+85°C
Narrowband S12 - Reverse Isolation
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
Frequency (GHz)
-40°C
+25°C
+85°C
Narrowband S21 - Forward Gain
10.0
15.0
20.0
25.0
30.0
35.0
40.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
Frequency (GHz)
-40°C
+25°C
+85°C
Narrowband S22 - Output Return Loss
-20.0
-15.0
-10.0
-5.0
0.0
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
Frequency (GHz)
-40°C
+25°C
+85°C


Similar Part No. - SZM3066Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM3166Z RFMD-SZM3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
SZM3166ZPCK-EVB1 RFMD-SZM3166ZPCK-EVB1 Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
SZM3166ZSQ RFMD-SZM3166ZSQ Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
SZM3166ZSR RFMD-SZM3166ZSR Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
More results

Similar Description - SZM3066Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
logo
RF Micro Devices
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
   2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
   SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com