Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZM-5066Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SZM-5066Z
Description  5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM-5066Z Datasheet(HTML) 2 Page - RF Micro Devices

  SZM-5066Z Datasheet HTML 1Page - RF Micro Devices SZM-5066Z Datasheet HTML 2Page - RF Micro Devices SZM-5066Z Datasheet HTML 3Page - RF Micro Devices SZM-5066Z Datasheet HTML 4Page - RF Micro Devices SZM-5066Z Datasheet HTML 5Page - RF Micro Devices SZM-5066Z Datasheet HTML 6Page - RF Micro Devices SZM-5066Z Datasheet HTML 7Page - RF Micro Devices SZM-5066Z Datasheet HTML 8Page - RF Micro Devices SZM-5066Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
SZM-5066Z
DS111108
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 6.0
V
DC
Power Control Voltage (V
PC)
-0.5 to 6.0
V
DC Supply Current
1000
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture sensitivity
TBD
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
Temp = 25°C, VCC = VPC1 = VPC2 = 5.0V, using
a standard IEEE802.11a waveform at 54Mbps,
64 QAM, unless otherwise noted
Compliance
IEEE802.11a/n
Frequency
5.1
5.9
GHz
Output Power
24
25
dBm
EVM
2.5
3.0
%
Measured at POUT = 25dBm, Increase in EVM
over EVM floor. Frequency = 5.1GHz to
5.85GHz, -40°C to +85°C, Duty Cycle
Gain
18
dB
Frequency = 5.1GHz to 5.9GHz
Gain Flatness
1.5
dB
Over 5.1GHz to 5.9GHz
Gain Variance
1.25
+dB
-40°C to +85°C; F,
Power Detect
+10
+29
dBm
Usable power detection range
Power Detect Voltage
0.1
1.7
V
Current
Operating
800
925
mA
at RF POUT = +25dBm, VCC = +5V (54Mbps)
Quiescent
730
825
mA
RF = OFF, VCC = VPC = 5.0V
IVPC
510
mA
Leakage
2
6
A
Power Supply
5.0
V
VPC1 and VPC2 Input Voltage
5.0
VDC
Turn-on Time
1.5
1.8
S
Output stable to within 90% of final gain
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - SZM-5066Z

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
More results

Similar Description - SZM-5066Z

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
   3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5355 RFMD-RF5355 Datasheet
1Mb / 11P
   3.3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
   3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2840-MAX2841 MAXIM-MAX2840-MAX2841 Datasheet
750Kb / 9P
   5GHz Linear Power Amplifiers
Rev 2; 8/03
logo
RF Micro Devices
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
   SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
   3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com