Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZM-3066Z Datasheet(PDF) 10 Page - RF Micro Devices

Part # SZM-3066Z
Description  3.3GHz to 3.8GHz 2W POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM-3066Z Datasheet(HTML) 10 Page - RF Micro Devices

Back Button SZM-3066Z Datasheet HTML 4Page - RF Micro Devices SZM-3066Z Datasheet HTML 5Page - RF Micro Devices SZM-3066Z Datasheet HTML 6Page - RF Micro Devices SZM-3066Z Datasheet HTML 7Page - RF Micro Devices SZM-3066Z Datasheet HTML 8Page - RF Micro Devices SZM-3066Z Datasheet HTML 9Page - RF Micro Devices SZM-3066Z Datasheet HTML 10Page - RF Micro Devices SZM-3066Z Datasheet HTML 11Page - RF Micro Devices SZM-3066Z Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
DS131017
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-3066Z
3.3GHz to 3.8GHz Evaluation Board Layout and Bill of Materials
For VCC=V+=VPC=5.0V
Board Material GETEK, 10mil thick, Dk=3.9, 2oz. copper
Bill of Materials
Desg
Description
Notes
Q1
SZM-3066Z
6mmx6mm QFN
R1
1.0K
Ω, 0603 1%
0402 may be used
R2
4.02K
Ω, 0603 1%
0402 may be used
R3
825
Ω, 0603 1%
0402 may be used
R4
2.74K
Ω, 0603 1%
0402 may be used
R5
47K
Ω, 0603
0402 may be used
R6, 7, 8
0
Ω, 0603
0402 may be used
R9
3kW, 0603 1%
0402 may be used
C1
1uF 16V MLCC CAP
Tantalum ok for EVM performance. Use MLCC type for best IM3 levels.
C2
3.9pF CAP, 0603
NPO, ROHM MCH185A3R9DK or equivalent
C3, 4, 5, 6, 7
0.1uF CAP, 0603
X7R 0402 ok, ROHM MCH182CN104K or equivalent
C8
1.5pF CAP, 0603
NPO, low ESR, ATC 600S1RCW250 or equivalent
C9
10pF CAP, 0603
NPO, low EST, ATC 6005100JW250 or equivalent
L1
6.2nH IND 0805
Coilcraft 0805HQ - 6N2XJBB
L2
4.7nH IND, 0603
TOKO 0603 - LL1608FH4N7J
125758 R1
RF IN
SMDI
V+
VPC1
GND
RF OUT
VDET
R4
R2
R2
R
R2
R2
R5
R5
R5
R5
R77
R7
R7
C1
C
C22
C
C66
C5
C
C9
C
C4
C
C7
C7
C7
L1
L1
L1
R9
R9
R
R
VPC2
V C2
C
VPC3
C
V C3


Similar Part No. - SZM-3066Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
More results

Similar Description - SZM-3066Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
logo
RF Micro Devices
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
   2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
   SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com