Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA3044ZSQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # SZA3044ZSQ
Description  2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZA3044ZSQ Datasheet(HTML) 1 Page - RF Micro Devices

  SZA3044ZSQ Datasheet HTML 1Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 2Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 3Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 4Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 5Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 6Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 7Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 8Page - RF Micro Devices SZA3044ZSQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
1 of 11
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SZA3044Z
2.7GHz to 3.8GHz 5V 1W
POWER AMPLIFIER
RFMD’s SZA-3044 is a high linearity class AB Heterojunction Bipolar Transistor
(HBT) amplifier housed in a low-cost surface-mountable plastic package. This HBT
amplifier is made with InGaP on GaAs device technology and fabricated with
MOCVD for an ideal combination of low cost and high reliability. This product is spe-
cifically designed as a final or driver stage for 802.16 equipment in the 3.3GHz to
3.8GHz bands. It can run from a 3V to 6V supply. Optimized on-chip impedance
matching circuitry provides a 50
 nominal RF input impedance. The external out-
put match and bias adjustability allows load line optimization for other applications
or over narrower bands. It features an output power detector,
on/off power control and high RF overdrive robustness. This
product is available in a RoHS Compliant and Green package
with matte tin finish, designated by the “Z” package suffix.
P1dB=31dBm at 5V
802.11a 54Mb/s 2.5% EVM Per-
formance
POUT=24dBm, VCC=5V, 340mA,
PAE 14.5%
POUT=25dBm, VCC=6V, 365mA,
PAE 14.5%
On-Chip Output Power Detector
Robust - Survives RF Input
Power=+15dBm
On Chip ESD Protection Class 2
(2000V)
Power Up/Down Control <1
s
Pin Compatible With SZA-2044
and SZA-5044
Applications
802.16 WiMAX Driver or Output
Stage
Fixed Wireless, WLL
DS150303
Package: QFN, 4mmx4mm
SZA3044Z
2.7GHz to
3.8GHz 5V
1W
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
2700
3800
MHz
Output Power at 1dB Compression [1]
29.5
31.0
dBm
3.3GHz
28.5
30.0
dBm
3.6GHz
Small Signal Gain
22.0
24.0
26.0
dB
3.4GHz
22.0
24.0
26.0
dB
3.6GHz
Output power
24.0
dBm
3.4GHz, 2.5% EVM 802.11a 54Mb/s
Third Order Suppression
-38.5
-35.5
dBc
3.6GHz, POUT=20dBm per tone
Noise Figure
5.0
dB
3.6GHz
Worst Case Input Return Loss
12.0
15.0
dB
3.3GHz to 3.8GHz
Worst Case Output Return Loss
7.0
10.0
dB
3.3GHz to 3.6GHz
Quiescent Current
170
205
240
mA
VCC=5V
Power Up Control Current
2.7
mA
VPC=5V, IVPC1+IVPC2
Off VCC Leakage Current
10.0
100.0
uA
VPC=0V
Thermal Resistance
22
°C/W
junction - lead
Test Conditions: Z0=50, VCC=5V, IQ=205mA, TBP=30°C


Similar Part No. - SZA3044ZSQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-2044Z ETC1-SZA-2044Z Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-2044Z SIRENZA-SZA-2044Z Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
More results

Similar Description - SZA3044ZSQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-3044 ETC1-SZA-3044 Datasheet
401Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
SIRENZA MICRODEVICES
SZA-3044 SIRENZA-SZA-3044 Datasheet
388Kb / 8P
   2.7-3.8GHz 5V 1W Power Amplifier
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZA-2044 SIRENZA-SZA-2044 Datasheet
214Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
List of Unclassifed Man...
SZA-2044 ETC1-SZA-2044 Datasheet
254Kb / 8P
   2.0-2.7 GHz 5V 1W Power Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com