Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXE1089Z Datasheet(PDF) 10 Page - RF Micro Devices

Part # SXE1089Z
Description  0.05GHz to 3GHz, CASCADABLE pHEMT MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SXE1089Z Datasheet(HTML) 10 Page - RF Micro Devices

Back Button SXE1089Z Datasheet HTML 2Page - RF Micro Devices SXE1089Z Datasheet HTML 3Page - RF Micro Devices SXE1089Z Datasheet HTML 4Page - RF Micro Devices SXE1089Z Datasheet HTML 5Page - RF Micro Devices SXE1089Z Datasheet HTML 6Page - RF Micro Devices SXE1089Z Datasheet HTML 7Page - RF Micro Devices SXE1089Z Datasheet HTML 8Page - RF Micro Devices SXE1089Z Datasheet HTML 9Page - RF Micro Devices SXE1089Z Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
DS110610
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SXE1089Z
Ordering Information
Ordering Code
Description
SXE1089Z
7” Reel with 1000 pieces
SXE1089ZSQ
Sample Bag with 25 pieces
SXE1089ZSR
7” Reel with 100 pieces
SXE1089Z-PCK1
500MHz to 2500MHz PCBA with 5-piece sample bag


Similar Part No. - SXE1089Z

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S05 ARTESYN-SXE15-48S05 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
logo
Emerson Network Power
SXE15-48S05J EMERSON-NETWORKPOWER-SXE15-48S05J Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
SXE15-48S12 ARTESYN-SXE15-48S12 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
More results

Similar Description - SXE1089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
   0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
   0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
   DC-20 GHz, Cascadable pHEMT MMIC Amplifier
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
   0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-4000 SIRENZA-SUF-4000 Datasheet
134Kb / 4P
   0.15-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
   0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SXE-1089Z SIRENZA-SXE-1089Z Datasheet
186Kb / 7P
   0.05-3 GHz, Cascadable pHEMT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com