Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXA389BZPCK2 Datasheet(PDF) 6 Page - RF Micro Devices

Part # SXA389BZPCK2
Description  400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SXA389BZPCK2 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SXA389BZPCK2 Datasheet HTML 2Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 3Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 4Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 5Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 6Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 7Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 8Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 9Page - RF Micro Devices SXA389BZPCK2 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
DS110610
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SXA389BZ
2450MHz Application Circuit Data, VCC=5V, ID=115mA (Tuned for Output IP3)
20
22
24
26
28
30
2.4
2.4 2
2.4 4
2.4 6
2.4 8
2 .5
25 C
85 C
-40 C
10
12
14
16
18
20
2.4
2.42
2 .44
2.4 6
2 .48
2.5
25C
85C
-40C
-35
-30
-25
-20
-15
-10
-5
0
2 .4
2 .4 2
2 .44
2 .4 6
2 .4 8
2 .5
S11
S12
S22
35
37
39
41
43
45
2.4
2.42
2.44
2.46
2.48
2.5
25C
85C
-40C
35
37
39
41
43
45
0
2
4
6
8
10
12
14
16
18
25C
85C
-40C
P1dB vs. Frequency
GHz
GHz
Gain vs. Frequency
Input/Output Return Loss,
Isolation vs. Frequency, T=25
°C
GHz
Third Order Intercept vs. Frequency
(P
OUT per tone = 11dBm)
GHz
Third Order Intercept vs. Tone Power
Frequency = 2.45 GHz
P
OUT per tone (dBm)


Similar Part No. - SXA389BZPCK2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SXA-001T-P0.6 ETC2-SXA-001T-P0.6 Datasheet
232Kb / 8P
   Crimping tools and machines
SXA-001T-P0.6 ETC2-SXA-001T-P0.6 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
JST Mfg. Co., Ltd.
SXA-001T-P0.6 JST-SXA-001T-P0.6 Datasheet
203Kb / 4P
   XAD CONNECTOR 2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
SXA-001T-P0.6 JST-SXA-001T-P0.6 Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SXA-001T-P0.6 JST-SXA-001T-P0.6 Datasheet
240Kb / 3P
   XM CONNECTOR 2.5 mm pitch/Crimp style wire-to-wire connectors
More results

Similar Description - SXA389BZPCK2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SXA-389Z RFMD-SXA-389Z Datasheet
618Kb / 10P
   400MHz to 2500MHz 쩌W MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
   400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
SXA-389-Z RFMD-SXA-389-Z Datasheet
618Kb / 10P
   MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
SXB2089Z RFMD-SXB2089Z Datasheet
738Kb / 8P
   5MHz to 2500MHz MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
logo
List of Unclassifed Man...
SXA-389 ETC-SXA-389 Datasheet
222Kb / 7P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SXA-389B SIRENZA-SXA-389B Datasheet
146Kb / 8P
   400-2500 MHz 쩌 W Medium Power GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com