Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA-5063Z Datasheet(PDF) 8 Page - RF Micro Devices

Part # STA-5063Z
Description  3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA-5063Z Datasheet(HTML) 8 Page - RF Micro Devices

Back Button STA-5063Z Datasheet HTML 2Page - RF Micro Devices STA-5063Z Datasheet HTML 3Page - RF Micro Devices STA-5063Z Datasheet HTML 4Page - RF Micro Devices STA-5063Z Datasheet HTML 5Page - RF Micro Devices STA-5063Z Datasheet HTML 6Page - RF Micro Devices STA-5063Z Datasheet HTML 7Page - RF Micro Devices STA-5063Z Datasheet HTML 8Page - RF Micro Devices STA-5063Z Datasheet HTML 9Page - RF Micro Devices STA-5063Z Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
DS110205
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
STA-5063Z
Package Outline Drawing
Recommended Land Pattern
1.30 (0.051)
REF.
1.35 (0.053)
1.15 (0.045)
2.20 (0.087)
2.00 (0.079)
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
1.00 (0.039)
0.80 (0.031)
0.25 (0.010)
0.15 (0.006)
0.10 (0.004)
0.00 (0.00)
0.425 (0.017)
TYP.
0.20 (0.0080
0.10 (0.004)
0.30 (0.012)
0.10 (0.0040
0.30 REF.
10°
0.026
0.075
0.016
0.035


Similar Part No. - STA-5063Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
More results

Similar Description - STA-5063Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com