Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH1113-100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PH1113-100
Description  Radar Pulsed Power Transistor - 100 Watts, 1.1-1.3 GHz, 3ms Pulse, 30% Duty
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH1113-100 Datasheet(HTML) 2 Page - Tyco Electronics

  PH1113-100 Datasheet HTML 1Page - Tyco Electronics PH1113-100 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radar Pulsed Power Transistor 100 Watts, 1.1-1.3 GHz, 3
µs Pulse, 30% Duty
PH1113-100
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Test Fixture Electrical Schematic
Top View
Circuit Dimensions


Similar Part No. - PH1113-100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1113-100 MA-COM-PH1113-100 Datasheet
139Kb / 3P
   Radar Pulsed Power Transistor
logo
Tyco Electronics
PH1113-100 MACOM-PH1113-100 Datasheet
139Kb / 2P
   Radar Pulsed Power Transistor 100W, 1.1-1.3 GHz, 3關s Pulse, 30% Duty
logo
M/A-COM Technology Solu...
PH1113-100 MA-COM-PH1113-100_17 Datasheet
560Kb / 4P
   Radar Pulsed Power Transistor
More results

Similar Description - PH1113-100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1113-100 MACOM-PH1113-100 Datasheet
139Kb / 2P
   Radar Pulsed Power Transistor 100W, 1.1-1.3 GHz, 3關s Pulse, 30% Duty
PH1214-100EL MACOM-PH1214-100EL Datasheet
238Kb / 2P
   Radar Pulsed Power Transistor, 100 Watts, 1.2 - 1.4 GHz, 2 ms Pulse, 20% Duty
PH2226-50M MACOM-PH2226-50M Datasheet
211Kb / 2P
   Radar Pulsed Power Transistor, 50 Watts, 2.25-2.55 GHz, 100 uS Pulse, 10% Duty
PH2226-110M MACOM-PH2226-110M Datasheet
210Kb / 2P
   Radar Pulsed Power Transistor, 110 Watts, 2.25-2.55 GHz, 100 uS Pulse, 10% Duty
PH3135-65M MACOM-PH3135-65M Datasheet
228Kb / 2P
   Radar Pulsed Power Transistor, 65 Watts, 3.10-3.50 GHz, 100 us Pulse, 10% Duty
PH1214-40M MACOM-PH1214-40M Datasheet
49Kb / 2P
   Radar Pulsed Power Transistor - 40 Watts,1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH1214-80M MACOM-PH1214-80M Datasheet
52Kb / 2P
   Radar Pulsed Power Transistor - 80 Watts, 1.20-1.40 GHz, 150ms Pulse, 10% Duty
PH1214-25M MACOM-PH1214-25M Datasheet
48Kb / 2P
   Radar Pulsed Power Transistor - 25 Watts, 1.20-1.40 GHz, 150mS Pulse, 10% Duty
PH2729-150M MACOM-PH2729-150M Datasheet
79Kb / 2P
   Radar Pulsed Power Transistor-150 Watts 2.7-2.9 GHz, 100ms Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
99Kb / 2P
   RADAR PULSED POWER TRANSISTOR 25 WATTS, 2.70-2.90 GHz, 100ms PULSE, 10% DUTY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com