Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA2118ZSQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # SPA2118ZSQ
Description  850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA2118ZSQ Datasheet(HTML) 3 Page - RF Micro Devices

  SPA2118ZSQ Datasheet HTML 1Page - RF Micro Devices SPA2118ZSQ Datasheet HTML 2Page - RF Micro Devices SPA2118ZSQ Datasheet HTML 3Page - RF Micro Devices SPA2118ZSQ Datasheet HTML 4Page - RF Micro Devices SPA2118ZSQ Datasheet HTML 5Page - RF Micro Devices SPA2118ZSQ Datasheet HTML 6Page - RF Micro Devices SPA2118ZSQ Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 of 7
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA2118Z
850MHz to 950MHz Application Circuit Data, ICC=400mA, VCC=5V
26
28
30
32
34
36
0.8
0.85
0.9
0.95
1
24
28
32
36
40
0.8
0.85
0.9
0.95
1
-50
-40
-30
-20
-10
0
0.80.850.9
0.95
1
P1dB vs Frequency
GHz
Input/Output Return Loss,
Isolation vs Frequency
GHz
GHz
Gain vs. Frequency
S11
S12
S22
-40C
25C
85C
-40C
25C
85C
T=+25°C
0
100
200
300
400
500
600
0123456
25C
-40C
85C
Device Current vs. Source Voltage
V
cc (V)


Similar Part No. - SPA2118ZSQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA2118ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPA1118Z RFMD-SPA1118Z Datasheet
436Kb / 6P
   850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com