Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPA1118Z Datasheet(PDF) 5 Page - RF Micro Devices

Part No. SPA1118Z
Description  850MHz 1WATT POWER AMPLIFIER WITH ACTIVE BIAS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPA1118Z Datasheet(HTML) 5 Page - RF Micro Devices

  SPA1118Z Datasheet HTML 1Page - RF Micro Devices SPA1118Z Datasheet HTML 2Page - RF Micro Devices SPA1118Z Datasheet HTML 3Page - RF Micro Devices SPA1118Z Datasheet HTML 4Page - RF Micro Devices SPA1118Z Datasheet HTML 5Page - RF Micro Devices SPA1118Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
DS121024
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPA1118Z
850MHz to 950MHz Application Schematic
Evaluation Board Layout
Ref. Des.
Value
Part Number
C1, C6
22pF, 5%
Rohm MCH18 series
C2
10uF, 10%
AVX TAJB 106K020R
C3
1000pF, 5%
Rohm MCH18 series
C4
43pF, 5%
Rohm MCH18 series
C5
5.6pF, ±0.5pF
Rohm MCH18 series
L1
100nH, 5%
Coilcraft 1008HQ series
R1
392
, 1%
Rohm MCR03 series
VCC
5.6 pF
100 nH
43pF
10uF,
Tantalum
22pF
22pF
Z=50 , 17°
1
2
3
4
8
7
6
5
1000pF
392
Vpc
Vcc
SOIC-8 PA
ECB-101161 Rev. C
Eval Board
C5
L1
C4
C3
C2
C1
C6
R1
Note: Pins 4, 5, 7, 8 are not
connected internally
Sirenza Microdevices


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn