Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGL0363ZSQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGL0363ZSQ
Description  5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0363ZSQ Datasheet(HTML) 6 Page - RF Micro Devices

Back Button SGL0363ZSQ Datasheet HTML 2Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 3Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 4Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 5Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 6Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 7Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 8Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 9Page - RF Micro Devices SGL0363ZSQ Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 of 11
SGL0363Z
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Note:
S-parameters are de-embedded to the device leads with ZS=ZL=50
. De-embedded S-parameters can be downloaded from
our website (www.rfmd.com)
4 GHz
3 GHz
2 GHz
.9 GHz
.45 GHz
.2 GHz
S11 Vs.
Frequency
2 GHz
3 GHz
4 GHz
.9 GHz
.45 GHz
.2 GHz
S22 Vs.
Frequency
Typical Performance - De-embedded S-parameters


Similar Part No. - SGL0363ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0163Z RFMD-SGL0163Z Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZPCK1 RFMD-SGL0163ZPCK1 Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSQ RFMD-SGL0163ZSQ Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0163ZSR RFMD-SGL0163ZSR Datasheet
708Kb / 9P
   100MHz to 1300MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
SGL0263Z RFMD-SGL0263Z Datasheet
527Kb / 6P
   1400MHz to 2500MHz SILICON GERMANIUM CASCADABLE LOW NOISE AMPLIFIER
More results

Similar Description - SGL0363ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0622Z RFMD-SGL0622Z Datasheet
546Kb / 6P
   5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
   Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
logo
RF Micro Devices
SGL-06SMT2 RFMD-SGL-06SMT2 Datasheet
1Mb / 5P
   Low Noise Amplifier 5MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com