Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC-6289Z-EVB1 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGC-6289Z-EVB1
Description  50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC-6289Z-EVB1 Datasheet(HTML) 2 Page - RF Micro Devices

  SGC-6289Z-EVB1 Datasheet HTML 1Page - RF Micro Devices SGC-6289Z-EVB1 Datasheet HTML 2Page - RF Micro Devices SGC-6289Z-EVB1 Datasheet HTML 3Page - RF Micro Devices SGC-6289Z-EVB1 Datasheet HTML 4Page - RF Micro Devices SGC-6289Z-EVB1 Datasheet HTML 5Page - RF Micro Devices SGC-6289Z-EVB1 Datasheet HTML 6Page - RF Micro Devices SGC-6289Z-EVB1 Datasheet HTML 7Page - RF Micro Devices SGC-6289Z-EVB1 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
DS120409
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC-6289Z
Typical RF Performance at Key Operating Frequencies (Application Circuit data unless otherwise noted)
Typical Performance with Bias Tees, VD = 5V, ID = 83mA
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (lD)100
mA
Max Device Voltage (VD)7
V
Max RF Input Power* (See Note)
10
dBm
Max Junction Temperature (TJ)+150
°C
Operating Temperature Range (TL)
-40 to +85
°C
Max Storage Temperature
+150
°C
ESD Rating - Human Body Model
(HBM)
Class 1C
Moisture Sensitivity Level
MSL 2
*Note: Load condition ZL1 = 50
*Note: ZL2 = 10:1 VSWR
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD < (TJ - TL)/RTH, j - l and TL = TLEAD
Parameter
Unit
100
MHz*
500
MHz
850
MHz
1950
MHz
2500
MHz
3500
MHz*
Small Signal Gain (G)
dB
15.0
14.0
14.0
13.5
13.2
12.5
Output Third Order Intercept Point (OIP3)
dBm
35.5
34.5
34.5
33.5
31.5
28.5
Output Power at 1dB Compression (P1dB)
dBm
20.5
19.9
19.5
19.2
17.8
15.8
Input Return Loss (IRL)
dB
23.5
41.0
22.0
18.5
19.0
18.5
Output Return Loss (ORL)
dB
18.5
21.0
19.5
25.5
12.5
8.0
Reverse Isolation (S12)
dB
18.0
18.5
18.5
19.5
19.5
19.9
Noise Figure (NF)
dB
3.3
3.2
3.4
3.3
3.5
4.3
Test Conditions: VD = 5V ID = 83mA OIP3 Tone Spacing = 1MHz, POUT per tone = 0dBm TL = 25°C ZS = ZL = 50 *Bias Tee Data
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.
OIP3 versus Frequency (0 dBm tones)
28.0
30.0
32.0
34.0
36.0
38.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40°C
+25°C
+85°C
P1dB versus Frequency
14
16
18
20
22
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40°C
+25°C
+85°C


Similar Part No. - SGC-6289Z-EVB1

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z_1 Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
310Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6389Z SIRENZA-SGC-6389Z Datasheet
163Kb / 5P
   50-4000 MHz Active Bias Silicon
More results

Similar Description - SGC-6289Z-EVB1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC-6489Z RFMD-SGC-6489Z Datasheet
391Kb / 6P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4563Z RFMD-SGC4563Z Datasheet
535Kb / 10P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4463Z RFMD-SGC4463Z Datasheet
670Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2363Z RFMD-SGC2363Z Datasheet
331Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com