Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGC-6289Z Datasheet(PDF) 3 Page - RF Micro Devices

Part No. SGC-6289Z
Description  50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

SGC-6289Z Datasheet(HTML) 3 Page - RF Micro Devices

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
DS120409
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC-6289Z
Typical Performance with Bias Tees, VD = 5V, ID = 83mA
Noise Figure versus Frequency
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
+25°C
+85°C
DCIV
0
10
20
30
40
50
60
70
80
90
100
110
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VCE (V)
-40°C
+25°C
+85°C
S11 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
-40°C
25°C
85°C
S21 versus Frequency
8
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40°C
25°C
85°C
S12 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
-40°C
25°C
85°C
S22 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
-40°C
25°C
85°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn