Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC2363ZPCK2 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGC2363ZPCK2
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC2363ZPCK2 Datasheet(HTML) 1 Page - RF Micro Devices

  SGC2363ZPCK2 Datasheet HTML 1Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 2Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 3Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 4Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 5Page - RF Micro Devices SGC2363ZPCK2 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGC2363Z
50MHz to 4000MHz ACTIVE BIAS SILICON
GERMANIUM CASCADABLE GAIN BLOCK
RFMD’s SGC2363Z is a high performance SiGe HBT MMIC amplifier utiliz-
ing a Darlington configuration with a patented active-bias network. The
active bias network provides stable current over temperature and process
Beta variations. Designed to run directly from a 3V supply, the SGC2363Z
does not require a dropping resistor as compared to typical Darlington
amplifiers. The SGC2363Z is designed for high linearity 3V gain block
applications that require small size and minimal external components. It is
internally matched to 50
.
Gain & Return Loss
VD = 3V, ID = 26mA
-30
-20
-10
0
10
20
30
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
S11
S21
S22
Bias Tee Data, ZS = ZL = 50 Ohms, TL = 25C
Single, Fixed 3V Supply
No Dropping Resistor
Required
Patented Self-Bias Circuitry
P1dB=10.1dBm at 1950MHz
OIP3=23dBm at 1950MHz
Robust 1000V ESD, Class 1C
HBM
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS,
WCDMA
IF Amplifier
Wireless Data, Satellite
DS111011
Package: SOT-363
SGC2363Z
50MHz to
4000MHz
Active Bias Sili-
con Germa-
nium
Cascadable
Gain Block
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
15.5
17.0
18.5
dB
850MHz
11.6
13.1
14.6
dB
1950MHz
12.3
dB
2400MHz
Output Power at 1dB Compression
10.4
dBm
850MHz
9.1
10.1
dBm
1950MHz
9.6
dBm
2400MHz
Output Third Order Intercept Point
23.0
dBm
850MHz
21.0
23.0
dBm
1950MHz
24.0
dBm
2400MHz
Input Return Loss
12.0
15.0
dB
1950MHz
Output Return Loss
10.5
14.5
dB
1950MHz
Noise Figure
3.7
4.8
dB
1930MHz
Thermal Resistance
255
°C/W
junction - lead
Device Operating Voltage
3.0
V
Device Operating Current
22.0
26.0
30.0
mA
Test Conditions: VD=3V, ID=26mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-5dBm, TL=25°C, ZS=ZL=50


Similar Part No. - SGC2363ZPCK2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC201B2S GOOD-ARK-SGC201B2S Datasheet
413Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BS GOOD-ARK-SGC201BS Datasheet
207Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BSD GOOD-ARK-SGC201BSD Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier
SGC201BS GOOD-ARK-SGC201BS_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 20A
SGC2045S GOOD-ARK-SGC2045S Datasheet
402Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGC2363ZPCK2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC2463Z RFMD-SGC2463Z Datasheet
678Kb / 7P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4563Z RFMD-SGC4563Z Datasheet
535Kb / 10P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4463Z RFMD-SGC4463Z Datasheet
670Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4263Z RFMD-SGC4263Z Datasheet
653Kb / 9P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4363Z RFMD-SGC4363Z Datasheet
336Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC-6489Z RFMD-SGC-6489Z Datasheet
391Kb / 6P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC-6289Z RFMD-SGC-6289Z Datasheet
501Kb / 8P
   50MHz to 3500MHz SILICON GERMANIUM ACTIVE BIAS GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-4486Z SIRENZA-SGC-4486Z_1 Datasheet
256Kb / 5P
   50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com