Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLBT5252 Datasheet(PDF) 2 Page - P-tec Corporation

Part # PLBT5252
Description  High Power 5252 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT5252 Datasheet(HTML) 2 Page - P-tec Corporation

  PLBT5252 Datasheet HTML 1Page - P-tec Corporation PLBT5252 Datasheet HTML 2Page - P-tec Corporation PLBT5252 Datasheet HTML 3Page - P-tec Corporation PLBT5252 Datasheet HTML 4Page - P-tec Corporation PLBT5252 Datasheet HTML 5Page - P-tec Corporation PLBT5252 Datasheet HTML 6Page - P-tec Corporation PLBT5252 Datasheet HTML 7Page - P-tec Corporation PLBT5252 Datasheet HTML 8Page - P-tec Corporation PLBT5252 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.p-tec.net
102214 Rev0 JAS
Page 2 of 15
Mechanical Dimensions


Similar Part No. - PLBT5252

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT5050-W P-TEC-PLBT5050-W Datasheet
1Mb / 9P
   5.0x5.0x1.6mm SMD
PLBT5050-WCB12 P-TEC-PLBT5050-WCB12 Datasheet
999Kb / 11P
   Square SMD
PLBT5050-WCG72 P-TEC-PLBT5050-WCG72 Datasheet
1,000Kb / 11P
   Square SMD
PLBT5050-WCP32 P-TEC-PLBT5050-WCP32 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
PLBT5050-WCR08 P-TEC-PLBT5050-WCR08 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
More results

Similar Description - PLBT5252

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com