Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLBT5050-W Datasheet(PDF) 5 Page - P-tec Corporation

Part # PLBT5050-W
Description  5.0x5.0x1.6mm SMD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT5050-W Datasheet(HTML) 5 Page - P-tec Corporation

  PLBT5050-W Datasheet HTML 1Page - P-tec Corporation PLBT5050-W Datasheet HTML 2Page - P-tec Corporation PLBT5050-W Datasheet HTML 3Page - P-tec Corporation PLBT5050-W Datasheet HTML 4Page - P-tec Corporation PLBT5050-W Datasheet HTML 5Page - P-tec Corporation PLBT5050-W Datasheet HTML 6Page - P-tec Corporation PLBT5050-W Datasheet HTML 7Page - P-tec Corporation PLBT5050-W Datasheet HTML 8Page - P-tec Corporation PLBT5050-W Datasheet HTML 9Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
 
www.p‐tec.net  
040715 Rev1 JAS                                                            Page 5 of 9 


Similar Part No. - PLBT5050-W

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT5050-WCB12 P-TEC-PLBT5050-WCB12 Datasheet
999Kb / 11P
   Square SMD
PLBT5050-WCG72 P-TEC-PLBT5050-WCG72 Datasheet
1,000Kb / 11P
   Square SMD
PLBT5050-WCP32 P-TEC-PLBT5050-WCP32 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
PLBT5050-WCR08 P-TEC-PLBT5050-WCR08 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
PLBT5050-WCRGB-BF P-TEC-PLBT5050-WCRGB-BF Datasheet
47Kb / 1P
   PLBT5050 Series SMD LED Tri-color Package
More results

Similar Description - PLBT5050-W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com