Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLBT3014-W Datasheet(PDF) 2 Page - P-tec Corporation

Part # PLBT3014-W
Description  Thin 0.80mm SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT3014-W Datasheet(HTML) 2 Page - P-tec Corporation

  PLBT3014-W Datasheet HTML 1Page - P-tec Corporation PLBT3014-W Datasheet HTML 2Page - P-tec Corporation PLBT3014-W Datasheet HTML 3Page - P-tec Corporation PLBT3014-W Datasheet HTML 4Page - P-tec Corporation PLBT3014-W Datasheet HTML 5Page - P-tec Corporation PLBT3014-W Datasheet HTML 6Page - P-tec Corporation PLBT3014-W Datasheet HTML 7Page - P-tec Corporation PLBT3014-W Datasheet HTML 8Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.p-tec.net
12.19.14 Rev1 JAS
Page 2 of 8
Device Selection Guide
Model Number
Chip
Material
Emitting Color
PLBT3014-YDCW
InGaN
Cool White
PLBT3014-YDNW
Natural White
PLBT3014-YDWW
Warm White
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
108
mW
Continuous Forward Current
IF
35
mA
Pulse Forward Current
IFP
150
mA
Reverse Voltage
Vr
5
V
Operating Temperature
Topr
-30~+85
°C
Storage Temperature
Tstg
-40~+100
°C
Junction Temperature
Tj
110
°C
Solder Temperature
Ts
260 for 10sec
°C
Electrical and Optical Characteristics at Ta=25°C
Notes:
1.(LM) ±10%Luminous Flux (LM)10%
2.VF ±0.1 Forward Voltage (VF)±0.1V
3.(X,Y)±0.01 Wavelength (X,Y)±0.01 (CCT±5%)
4.(CRI)±0.2 Color Rendering Index (CRI)±2
5.(2θ1/2)±5 Viewing angle (2θ1/2)±5
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
2.8
3.2
3.4
V
IF=60mA
Luminous Flux
Φv
10
11.5
14
Lm
IF=60mA
Color Rendering Index
CRI
70
--
90
-
IF=60mA
Reverse Current
IR
--
--
10
μA
VR=5V
Color Temperature
CCT
2870
4000
6230
°K
IF=60mA
Viewing Angle
2θ1/2
--
120°
--
Deg
IF=60mA
Thermal Resistance
Rθjs
45
°C/W
IF=60mA
Antistatic ability
ESD
HBM
-4000V
MM
-3000V


Similar Part No. - PLBT3014-W

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT3014 P-TEC-PLBT3014 Datasheet
718Kb / 8P
   Thin 0.80mm SMD
More results

Similar Description - PLBT3014-W

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT3014 P-TEC-PLBT3014 Datasheet
718Kb / 8P
   Thin 0.80mm SMD
logo
CITIZEN ELECTRONICS CO....
CI2222A CITIZEN-CI2222A Datasheet
204Kb / 1P
   Thin SMD Inductor
CI2222A CITIZEN-CI2222A_1 Datasheet
393Kb / 1P
   Thin SMD Inductor
CI3030A CITIZEN-CI3030A Datasheet
206Kb / 1P
   Thin SMD Inductor
CI2020A CITIZEN-CI2020A Datasheet
204Kb / 1P
   Thin SMD Inductor
CIH3030A CITIZEN-CIH3030A Datasheet
205Kb / 1P
   Thin SMD Inductor
logo
P-tec Corporation
PLBT5730 P-TEC-PLBT5730 Datasheet
1Mb / 9P
   Thin 0.90mm SMD
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
logo
KODENSHI_AUK CORP.
HPI610A KODENSHI-HPI610A Datasheet
185Kb / 3P
   Small thin SMD package
logo
Bourns Electronic Solut...
STJN-5 BOURNS-STJN-5 Datasheet
148Kb / 1P
   SMD Thin Tact Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com