Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFCA8828 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFCA8828
Description  5V or 6V Single Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA8828 Datasheet(HTML) 4 Page - RF Micro Devices

  RFCA8828 Datasheet HTML 1Page - RF Micro Devices RFCA8828 Datasheet HTML 2Page - RF Micro Devices RFCA8828 Datasheet HTML 3Page - RF Micro Devices RFCA8828 Datasheet HTML 4Page - RF Micro Devices RFCA8828 Datasheet HTML 5Page - RF Micro Devices RFCA8828 Datasheet HTML 6Page - RF Micro Devices RFCA8828 Datasheet HTML 7Page - RF Micro Devices RFCA8828 Datasheet HTML 8Page - RF Micro Devices RFCA8828 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141205
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 16
RFCA8828
Typical Application Schematic 50MHz to 1200MHz


Similar Part No. - RFCA8828

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
RFCA8828PCK-410 QORVO-RFCA8828PCK-410 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
RFCA8828SQ QORVO-RFCA8828SQ Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
RFCA8828SR QORVO-RFCA8828SR Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
RFCA8828TR13 QORVO-RFCA8828TR13 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
More results

Similar Description - RFCA8828

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCA1008 RFMD-RFCA1008 Datasheet
935Kb / 23P
   5V Single Supply
logo
Maxim Integrated Produc...
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
   Operation with single 5V supply
1994 Aug 31
logo
Panasonic Semiconductor
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
   5V single power supply (regulator)
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
   Operation with single 5V supply
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
   Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
MAX7474EVKIT MAXIM-MAX7474EVKIT Datasheet
129Kb / 6P
   Single 5V DC Power-Supply Operation
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com