Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL308-2G13 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL308-2G13
Description  Space Saving Bi-Level Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL308-2G13 Datasheet(HTML) 1 Page - P-tec Corporation

  PL308-2G13 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL308 Series Right Angle Bi-Level 3mm (T1) LED Holder
Features
*Space Saving Bi-Level Holder
*Housing Material Black Nylon UL94V-2
*High Light Output
*2 Green LEDs used
*LEDs are arranged from Top to Bottom
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Power Dissipation……….………………………………………………………..… 78mW
Reverse Voltage (<100 mA) ……...…...……………….……..…………………..……. 5.0V
Max Forward Current …………..…………………………...……….……..…..…. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ……………………….….... 100mA
Operating Temperature Range …………………………...…..……….…... -25°C to +85°C
Storage Temperature Range …………………………..……….....….….. -25°C to +100°C
Soldering Temperature 1.6 mm below body……………………….……..… 260°C for 5 seconds
Part Number
Emitting
Color
Dominant
Wave
Length
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous Intensity
@20mA (mcd)
Color Diffused Lens
nm
nm
Deg
Typ
Max
Min
Typ
PL308-2G13
Green
572
567
55°
2.1
2.6
9.0
20.0
Electrical & Optical Characteristics at TA = 25°C
Package dimensions All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
09-17-07 Rev 1 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
4.75
2.54Typical
2.54Typical
2.9
2.9
2.5
1.05
6.7±0.5
5.0
5.0
3.5±0.5
0.4
0.5 Square
10.0
3.2
Cathode
10.0
2.50


Similar Part No. - PL308-2G13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL308-2R12 P-TEC-PL308-2R12 Datasheet
29Kb / 1P
   Space Saving Bi-Level Holder
PL308-2Y01 P-TEC-PL308-2Y01 Datasheet
27Kb / 1P
   Space Saving Bi-Level Holder
PL308-2YG0113 P-TEC-PL308-2YG0113 Datasheet
32Kb / 1P
   Space Saving Bi-Level Holder
More results

Similar Description - PL308-2G13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL308-2R12 P-TEC-PL308-2R12 Datasheet
29Kb / 1P
   Space Saving Bi-Level Holder
PL308-1R1G1213 P-TEC-PL308-1R1G1213 Datasheet
29Kb / 1P
   Space Saving Bi-Level Holder
PL308-2YG0113 P-TEC-PL308-2YG0113 Datasheet
32Kb / 1P
   Space Saving Bi-Level Holder
PL308-2Y01 P-TEC-PL308-2Y01 Datasheet
27Kb / 1P
   Space Saving Bi-Level Holder
PL309-1G1Y1301 P-TEC-PL309-1G1Y1301 Datasheet
29Kb / 1P
   Space Saving Bi-Level PCB Indicator
PL309-2GY1301 P-TEC-PL309-2GY1301 Datasheet
33Kb / 1P
   Space Saving Bi-Level PCB Indicator
PL309-2GR1312 P-TEC-PL309-2GR1312 Datasheet
32Kb / 1P
   Space Saving Bi-Level PCB Indicator
PL309-2R21 P-TEC-PL309-2R21 Datasheet
32Kb / 1P
   Space Saving Bi-Level PCB Indicator
PL314A-4R12 P-TEC-PL314A-4R12_14 Datasheet
32Kb / 1P
   Space Saving Quad Level PCB Indicator
PL314-4R12 P-TEC-PL314-4R12_14 Datasheet
31Kb / 1P
   Space Saving Quad Level PCB Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com