Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSW6062 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFSW6062
Description  Low Insertion High Isolation SP6T Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6062 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFSW6062 Datasheet HTML 5Page - RF Micro Devices RFSW6062 Datasheet HTML 6Page - RF Micro Devices RFSW6062 Datasheet HTML 7Page - RF Micro Devices RFSW6062 Datasheet HTML 8Page - RF Micro Devices RFSW6062 Datasheet HTML 9Page - RF Micro Devices RFSW6062 Datasheet HTML 10Page - RF Micro Devices RFSW6062 Datasheet HTML 11Page - RF Micro Devices RFSW6062 Datasheet HTML 12Page - RF Micro Devices RFSW6062 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 13
RFSW6062
Evaluation Board Assembly Drawing


Similar Part No. - RFSW6062

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
   25dB Isolation at 2GHz
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
   300MHz to 6000MHz Operation
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
   Low Insertion High Isolation SP3T Switch
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
   Low Insertion High Isolation SP4T Switch
More results

Similar Description - RFSW6062

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
   Low Insertion High Isolation SP3T Switch
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
   Low Insertion High Isolation SP4T Switch
logo
DAICO Industries, Inc.
100C1286 DAICO-100C1286 Datasheet
28Kb / 1P
   High Isolation PIN Diode SP6T
100C1296 DAICO-100C1296 Datasheet
28Kb / 1P
   High Isolation PIN Diode SP6T
logo
Pasternack Enterprises,...
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
   SP6T Switch
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
   SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
   SP6T Switch
MSP6TA-12D MINI-MSP6TA-12D Datasheet
327Kb / 3P
   SP6T Switch
logo
Pasternack Enterprises,...
PE71S6197 PASTERNACK-PE71S6197 Datasheet
452Kb / 4P
   SP6T Switch
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
   SP6T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com