Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSW2100D Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFSW2100D
Description  55W GaN-on-SiC Reflective SPDT RF Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW2100D Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFSW2100D Datasheet HTML 3Page - RF Micro Devices RFSW2100D Datasheet HTML 4Page - RF Micro Devices RFSW2100D Datasheet HTML 5Page - RF Micro Devices RFSW2100D Datasheet HTML 6Page - RF Micro Devices RFSW2100D Datasheet HTML 7Page - RF Micro Devices RFSW2100D Datasheet HTML 8Page - RF Micro Devices RFSW2100D Datasheet HTML 9Page - RF Micro Devices RFSW2100D Datasheet HTML 10Page - RF Micro Devices RFSW2100D Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
10 of 11
Assembly Notes
Die Storage
Individual bare die should be held in appropriately sized ESD waffle trays or ESD GEL packs.
Die should be stored in CDA/N2 cabinets and in a controlled temperature and humidity environment.
Die Handling
Die should only be picked using an automated or semi-automated pick system and an appropriate pick tool.
Pick parameters will need to be carefully defined so as not to cause damage to either the top or bottom die surface.
GaN HEMT devices are ESD sensitive materials. Please use proper ESD precautions when handling devices or
evaluation boards.
RFMD does not recommend operating this device with typical drain voltage applied and the gate pinched off in a high
humidity, high temperature environment.
Caution: The use of inappropriate or worn-out ejector needle and improper ejection parameter settings can cause die backside
tool marks or micro-cracks that can eventually lead to die cracking.
Die Attach
There are two commonly applied die attach processes: adhesive die attach and eutectic die attach. Both processes use special
equipment and tooling to mount the die.
EUTECTIC ATTACH
80/20 AuSn preform, 0.5mil to 1mil thickness, made from virgin melt gold.
Pulsed heat or die scrub attach process using automated or semi-automatic equipment.
Attach process carried out in an inert atmosphere.
Custom die pick collets are required that match the outline of the die and the specific process employed using either
pulsed, fixed heat, or scrub.
Maximum temperature during die attach should be no greater than 320°C and for less than 30 seconds.
Key parameters that need to be considered include: die placement force, die scrub profile and heat profile.
Minimal amount of voiding is desired to ensure maximum heat transfer to the carrier and no voids should be present
under the active area of the die.
Voiding can be measured using X-ray or Acoustic microscopy.
The acceptable level of voiding should be determined using thermal modeling analysis.
ADHESIVE ATTACH
High thermal silver filled epoxy is dispensed in a controlled manner and die is placed using an appropriate collet.
Assembled parts are cured at temperatures between 150°C and 180°C.
Always refer to epoxy manufacturer's data sheet.
Industry recognized standards for epoxy die attach are clearly defined within MIL-883.


Similar Part No. - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
   BROADBAND SPDT SWITCH
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
   25dB Isolation at 2GHz
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
   300MHz to 6000MHz Operation
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
   Low Insertion High Isolation SP3T Switch
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
   Low Insertion High Isolation SP4T Switch
More results

Similar Description - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
   Reflective SPDT RF Switch
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
   5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
   5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Microsemi Corporation
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
logo
Cree, Inc
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
   Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA360502M CREE-GTRA360502M Datasheet
250Kb / 5P
   Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA260502M CREE-GTRA260502M Datasheet
205Kb / 5P
   Thermally-Enhanced High Power RF GaN on SiC HEMT
logo
TriQuint Semiconductor
T1G4005528-FS TRIQUINT-T1G4005528-FS Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
T1G4005528-FS TRIQUINT-T1G4005528-FS_15 Datasheet
1Mb / 12P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com