Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL400-864AY Datasheet(PDF) 3 Page - RF Micro Devices

Part # PLL400-864AY
Description  5V NARROWBAND PHASE-LOCKED LOOP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

PLL400-864AY Datasheet(HTML) 3 Page - RF Micro Devices

  PLL400-864AY Datasheet HTML 1Page - RF Micro Devices PLL400-864AY Datasheet HTML 2Page - RF Micro Devices PLL400-864AY Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
PLL400-864AY
DS120109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing & Pin Outs
15.24mm x 15.24mm x 3mm (0.6in x 0.6in x 0.118in)


Similar Part No. - PLL400-864AY

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
PLL400-864AY SIRENZA-PLL400-864AY Datasheet
147Kb / 1P
   PLL Product Specification
More results

Similar Description - PLL400-864AY

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PLL400-1950AY RFMD-PLL400-1950AY Datasheet
270Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-777Y RFMD-PLL350-777Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1260Y RFMD-PLL350-1260Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1590Y RFMD-PLL350-1590Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1960Y RFMD-PLL350-1960Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1120Y RFMD-PLL350-1120Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL400-2200AY RFMD-PLL400-2200AY Datasheet
270Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-2944Y RFMD-PLL350-2944Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-881Y RFMD-PLL350-881Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-2444Y RFMD-PLL350-2444Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com