Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL400-864AY Datasheet(PDF) 2 Page - RF Micro Devices

Part # PLL400-864AY
Description  5V NARROWBAND PHASE-LOCKED LOOP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

PLL400-864AY Datasheet(HTML) 2 Page - RF Micro Devices

  PLL400-864AY Datasheet HTML 1Page - RF Micro Devices PLL400-864AY Datasheet HTML 2Page - RF Micro Devices PLL400-864AY Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
PLL400-864AY
DS120109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Frequency Range
851
864
877
MHz
Step Size
30
kHz
Settling Time
12.5
15
ms
To within 1.0kHz
Output Power
-1
2
5
dBm
Output Phase Noise
-108
-104
dBc/Hz
10kHz
Spurious Product
-78
-70
dBc
30kHz
Reference Feedthrough
-80
-70
dBc
Harmonic Suppression
-15
-10
dBc
2nd harmonic
-30
-10
dBc
3rd harmonic
Reference Oscillator Signal
10
MHz
Frequency
35
Vp-p
Amplitude
-145
dBc/Hz
Phase noise - 1kHz
100
k
Input impedance
Output Impedance
50
Power Supply
Operating Voltage
4.75
5
5.25
V
Supply Current
20
30
mA
PLL Synthesizer Programming
Refer to Application Note 113, Option 20700.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - PLL400-864AY

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
PLL400-864AY SIRENZA-PLL400-864AY Datasheet
147Kb / 1P
   PLL Product Specification
More results

Similar Description - PLL400-864AY

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PLL400-1950AY RFMD-PLL400-1950AY Datasheet
270Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-777Y RFMD-PLL350-777Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1260Y RFMD-PLL350-1260Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1590Y RFMD-PLL350-1590Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1960Y RFMD-PLL350-1960Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-1120Y RFMD-PLL350-1120Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL400-2200AY RFMD-PLL400-2200AY Datasheet
270Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-2944Y RFMD-PLL350-2944Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-881Y RFMD-PLL350-881Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
PLL350-2444Y RFMD-PLL350-2444Y Datasheet
273Kb / 3P
   5V NARROWBAND PHASE-LOCKED LOOP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com