Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1132 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PA1132
Description  1800-2000 MHz. Linear Power Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PA1132 Datasheet(HTML) 1 Page - Tyco Electronics

  PA1132 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PA1132
1800-2000 MHz.
Linear Power Amplifier
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
T
e
u
l
a
V
.
n
i
M
e
u
l
a
V
.
x
a
M
e
u
l
a
V
s
t
i
n
U
y
c
n
e
u
q
e
r
F0
0
8
10
0
0
2.
z
H
M
n
i
a
G0
.
2
20
.
0
2.
B
d
s
s
e
n
t
a
l
F
n
i
a
G
± 3
.
0
± 5
.
0
.
B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R5
2.
B
d
.
p
m
o
c
.
B
d
1
@
t
u
o
P0
.
3
30
.
2
3.
m
B
d
e
r
u
g
i
F
e
s
i
o
N0
.
30
.
4.
B
d
3
P
I0
.
8
4
+0
.
4
4
+.
m
B
d
R
W
S
V1
:
8
.
11
:
0
.
2
d
'
q
e
R
y
l
p
p
u
S5
2
7
/
2
1
+0
5
8
/
2
1
+.
A
m
/
.
v
Electrical Specifications (Referenced to 50 ohms)
Outline Drawings
Maximum Ratings
Storage Temperature ............ -40C to +85C
DC Voltage ................................. +15 volts
RF Input Power .......................... +15 dBm.
Case Temperature ............................. +95C
IP3 measured with 2 tones @+20 dBm. per tone spaced 1 MHz. apart
Min and max values from 0 to 85 degrees C
Features (typical values)
High Frequency Operation. ..................... 2000 MHz.
High Output Power ................................ +33.0 dBm.
High IP3 ................................................ +48.0 dBm.
Low Cost
Typical Performance Curves
100 Emlen Way
Telford, Pa. 18969
Tel. (215) 723-6011
Fax. (215) 723-6015
Specifications subject to change without notice
G a i n vs . Fr eque nc y
20
21
22
23
1 800
1 850
1 900
1 950
2 000
N F vs . Fr e que ncy
2
2. 5
3
3. 5
4
1 800
1 850
1 900
1 950
2 000
P out v s . Fr e que ncy
32
33
34
1 800
1 850
1 900
1 950
2 000
V S W R v s . Fr e quenc y
1. 2 5
1. 7 5
1 800
1 850
1 900
1 950
2 000
In
Ou t
I P 3 v s . Fr e quenc y
48
49
50
1 800
1 850
1 900
1 950
2 000
Fr e q ue n c y i n M H z .
0°C
+25°C
+85°C
Rev: 033001
`


Similar Part No. - PA1132

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA1132 MA-COM-PA1132 Datasheet
116Kb / 2P
   Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz
logo
Pulse A Technitrol Comp...
PA1132NL PULSE-PA1132NL Datasheet
101Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS PoE Power Transformers - EP7, EP10 & EP13
PA1132NL PULSE-PA1132NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1132NL PULSE-PA1132NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1132NL PULSE-PA1132NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA1132

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
   1800 -2000 MHz. Low Noise Linear Power Amplifier
PA1152 MACOM-PA1152 Datasheet
34Kb / 1P
   1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier
PA1110 MACOM-PA1110 Datasheet
38Kb / 1P
   1800-2000 MHz.Ultra Linear Power Amplifier
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
   Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2003 MA-COM-PA2003 Datasheet
115Kb / 2P
   Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
Tyco Electronics
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
M/A-COM Technology Solu...
PA1132 MA-COM-PA1132 Datasheet
116Kb / 2P
   Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com