Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1705V-C8 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1705V-C8
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-C8 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1705V-C8 Datasheet HTML 7Page - New Japan Radio NJG1705V-C8 Datasheet HTML 8Page - New Japan Radio NJG1705V-C8 Datasheet HTML 9Page - New Japan Radio NJG1705V-C8 Datasheet HTML 10Page - New Japan Radio NJG1705V-C8 Datasheet HTML 11Page - New Japan Radio NJG1705V-C8 Datasheet HTML 12Page - New Japan Radio NJG1705V-C8 Datasheet HTML 13Page - New Japan Radio NJG1705V-C8 Datasheet HTML 14Page - New Japan Radio NJG1705V-C8 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NJG1705V
- 11 -
nTYPICAL CHARACTERISTICS (LNA+MIXER 1.5GHz band f
LO=1619MHz)
Condition
VLNA=2.7V
VMIX=VLO=2.7V
Port1: RF IN
Port2: LOCAL IN
Condition
VLNA=2.7V
VMIX=VLO=2.7V
Port1: RF OUT
Port2: MIXER IN
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
RF IN-LOCAL IN Isolation
frequency(GHz)
(V
LNA
=2.7V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.5
1
1.5
2.5
RF OUT-MIXER IN Isolation
-50
-40
-30
-20
-10
0
10
20
30
40
50
frequency(GHz)
(V
LNA=2.7V)


Similar Part No. - NJG1705V-C8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1705V-C8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
   1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com