Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1862D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1862D
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1862D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1862D_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1862D_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1862D_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTA1862D/L
Revision No : 4
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
0
AMBIENT TEMPERATURE Ta ( C)
P
- Ta
-2
-4
-6
-8
-10
Ta=25 C
I =-0.5mA
B
C
-0.1
-0.2
-0.3
-0.4
-0.5
-1.0mA
-1.5mA
-2.0mA
-2.5mA
-3.0mA
-3.5mA
-4.0mA
-4.5mA
-5.0mA
-0.001
COLLECTOR CURRENT I
(A)
C
h
- I
FE
C
-0.01
-0.1
-1
-3
1
3
Ta=25 C
V
=-5V
CE
10
30
100
300
1K
-0.001
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
CBE
-0.003
-0.01
-0.03
-0.1
-0.3
-1
-5
Ta=25 C
V
=-5V
CE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
10
100
1
th
r
- t w
1
0.1
0.01
10
0.001
PULSE WIDTH t
(sec)
w
0.1
100
1K
CURVES SHOULD BE APPLIED IN
THERMAL LIMITED AREA.
(SIGLE NONREPETITIVE PULSE)
1 INFINITE HEAT SINK
2 NO HEAT SINK
2
1
25
50
75
100
125
150
2
4
6
8
10
12
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-1
-3
-10
-1K
-0.01
I
MAX(PULSE) *
DC
OPERATION
-30
-100
-300
-0.03
-0.1
-0.3
-1
-3
-10
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
C
I
MAX(DC)
C
Tc=25
C
Ta=25 C
Tc=25
C


Similar Part No. - KTA1862D_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
More results

Similar Description - KTA1862D_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com