Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6728MTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6728MTRPBF
Description  RoHS Compliant Containing No Lead and Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6728MTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6728MTRPBF Datasheet HTML 1Page - International Rectifier IRF6728MTRPBF Datasheet HTML 2Page - International Rectifier IRF6728MTRPBF Datasheet HTML 3Page - International Rectifier IRF6728MTRPBF Datasheet HTML 4Page - International Rectifier IRF6728MTRPBF Datasheet HTML 5Page - International Rectifier IRF6728MTRPBF Datasheet HTML 6Page - International Rectifier IRF6728MTRPBF Datasheet HTML 7Page - International Rectifier IRF6728MTRPBF Datasheet HTML 8Page - International Rectifier IRF6728MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6728MTRPbF
2
www.irf.com
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Notes:
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
2.7
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.8
2.5
–––
2.8
3.6
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-4.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
500
μA
–––
–––
5.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
61
–––
–––
S
Qg
Total Gate Charge
–––
28
42
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
8.7
–––
Qgodr
Gate Charge Overdrive
–––
9.7
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
11.8
–––
Qoss
Output Charge
–––
22
–––
nC
RG
Gate Resistance
–––
1.3
–––
Ω
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
34
–––
ns
td(off)
Turn-Off Delay Time
–––
19
–––
tf
Fall Time
–––
19
–––
Ciss
Input Capacitance
–––
4110
–––
Coss
Output Capacitance
–––
970
–––
pF
Crss
Reverse Transfer Capacitance
–––
340
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
23
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
180
(Body Diode)Ãg
VSD
Diode Forward Voltage
–––
0.7
0.75
V
trr
Reverse Recovery Time
–––
21
32
ns
Qrr
Reverse Recovery Charge
–––
29
44
nC
di/dt = 300A/μs i
TJ = 25°C, IS = 18A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 18A i
VDS = VGS, ID = 10mA
VDS = VGS, ID = 100μA
TJ = 25°C, IF = 18A
VGS = 4.5V
ID = 18A
VGS = 0V
VDS = 15V
ID = 18A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 1.0mA
Reference to 25°C, ID = 6mA
VGS = 10V, ID = 23A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = 15V, ID = 18A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Similar Part No. - IRF6728MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6728MTRPBF IRF-IRF6728MTRPBF Datasheet
253Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results

Similar Description - IRF6728MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6708S2TRPBF IRF-IRF6708S2TRPBF Datasheet
309Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6710S2PBF IRF-IRF6710S2PBF_15 Datasheet
307Kb / 10P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRFH9310PBF IRF-IRFH9310PBF_15 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRLTS6342PBF IRF-IRLTS6342PBF_15 Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
logo
Infineon Technologies A...
IRFH9310 INFINEON-IRFH9310 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
2014-08-26
logo
International Rectifier
IRLML6346PBF IRF-IRLML6346PBF_15 Datasheet
218Kb / 10P
   RoHS compliant containing no lead, no bromide and no halogen
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com